Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXP050.07.0100C Datasheet (PDF) - Taoglas antenna solutions

FXP050.07.0100C Datasheet PDF - Taoglas antenna solutions
Part # FXP050.07.0100C
Download  FXP050.07.0100C Download
File Size   3190.13 Kbytes
Page   19 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description GNSS/Wi-Fi Flex PCB Antenna 100mm 1.37 cable IPEX MHFI

FXP050.07.0100C Datasheet (PDF)

Go To PDF Page Download Datasheet
FXP050.07.0100C Datasheet PDF - Taoglas antenna solutions

Part # FXP050.07.0100C
Download  FXP050.07.0100C Click to download

File Size   3190.13 Kbytes
Page   19 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description GNSS/Wi-Fi Flex PCB Antenna 100mm 1.37 cable IPEX MHFI

FXP050.07.0100C Datasheet (HTML) - Taoglas antenna solutions


FXP050.07.0100C Product details

Description
GNSS/Wi-Fi Flex PCB Antenna 100mm 1.37 cable IPEX MHFI
With Wi-Fi 6 frequency bands included

Features:
Covers Extended Wi-Fi Frequencies of 2.4-2.5GHz, 5-7.125GHz
GNSS frequencies of 1.56-1.61GHz,
Flex PCB Antenna
Dimensions: 53*18*0.2mm
Cables: 100mm of Ø1.37mm
Connectors: I-PEX MHF® I (U.FL Compatible)
RoHS & Reach Compliant




Similar Part No. - FXP050.07.0100C

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXP055.A.07.C.001 TAOGLAS-FXP055.A.07.C.001 Datasheet
3Mb / 23P
GNSS and Wi-Fi Flex PCB Antenna 2 feeds 100mm 1.37 cable IPEX MHFI
Revision: A 2023-06-19
More results


Similar Description - FXP050.07.0100C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXP07070100A ETC2-FXP07070100A Datasheet
1Mb / 11P
Flexible PCB Penta Band GSM Antenna 100mm 횠1.13 cable IPEX connector
PC23070100A ETC2-PC23070100A Datasheet
368Kb / 7P
AMPS/GSM/PCS/DCS Cellular PCB Antenna 100mm 1.13 IPEX MHFI
logo
World Produts Inc.
WPANT10018-CF WPI-WPANT10018-CF Datasheet
222Kb / 4P
2.4 GHz Wi-Fi / Bluetooth Flex Antenna
logo
Taoglas antenna solutio...
FXP611.07.0092C TAOGLAS-FXP611.07.0092C Datasheet
863Kb / 11P
IPEX MHFI Connector
FXP07070100A TAOGLAS-FXP07070100A Datasheet
1,022Kb / 10P
Flexible PCB Penta Band GSM Antenna, 100mm 횠1.13 cable, IPEX connector
CAB616 TAOGLAS-CAB616 Datasheet
363Kb / 6P
Taoglas Cable Assembly IPEX MHFI to SMA
logo
World Produts Inc.
WPANT10018 WPI-WPANT10018 Datasheet
151Kb / 2P
2.4 GHz Wi-Fi / Bluetooth Flex Antenna
WPANT10038 WPI-WPANT10038 Datasheet
52Kb / 1P
Bluetooth / Wi-Fi Flex Antenna
logo
TE Connectivity Ltd
C-2108857 TEC-C-2108857 Datasheet
168Kb / 1P
PCB ANTENNA,CABLE,Wi-Fi 6E TRIPLE BAND
logo
PCTEL, Inc.
GL9X1AX-SF PCTEL-GL9X1AX-SF Datasheet
426Kb / 5P
Combination Antenna - 5G Cellular, Wi-Fi and GNSS
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com