Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXR.01.07.0100C.A Datasheet (PDF) - Taoglas antenna solutions

FXR.01.07.0100C.A Datasheet PDF - Taoglas antenna solutions
Part # FXR.01.07.0100C.A
Download  FXR.01.07.0100C.A Download
File Size   1197.58 Kbytes
Page   12 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description Flexible NFC Antenna

FXR.01.07.0100C.A Datasheet (PDF)

Go To PDF Page Download Datasheet
FXR.01.07.0100C.A Datasheet PDF - Taoglas antenna solutions

Part # FXR.01.07.0100C.A
Download  FXR.01.07.0100C.A Click to download

File Size   1197.58 Kbytes
Page   12 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description Flexible NFC Antenna

FXR.01.07.0100C.A Datasheet (HTML) - Taoglas antenna solutions


FXR.01.07.0100C.A Product details

Description:
Flexible Near-Field Communications Reader Antenna
With 100mm 1.37 cable and I-PEX MHF® I U.FL compatible

Features:
13.56MHz
Peel and Stick Antenna
Cable: 100mm 1.37 microcoax
Connector: I-PEX MHF® I U.FL compatible
Read distance out to 5 cm
Adheres directly to product inner housing
Dimensions: 53.3*36.8mm
RoHS & Reach Compliant




Similar Part No. - FXR.01.07.0100C.A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXR.01.07.0100C TAOGLAS-FXR.01.07.0100C Datasheet
3Mb / 9P
Peel and Stick Antenna
More results


Similar Description - FXR.01.07.0100C.A

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ANFCA-3225-A02 ABRACON-ANFCA-3225-A02 Datasheet
1Mb / 3P
NFC Ferrite Antenna (13.56MHz)
10.07.15
ANFCA-4030-A01 ABRACON-ANFCA-4030-A01 Datasheet
1Mb / 3P
NFC Ferrite Antenna (13.56MHz)
10.04.15
ANFCA-4545-A01 ABRACON-ANFCA-4545-A01 Datasheet
1Mb / 3P
NFC Ferrite Antenna (13.56MHz)
10.09.15
ANFCA-2525-A02 ABRACON-ANFCA-2525-A02 Datasheet
1Mb / 3P
NFC Ferrite Antenna (13.56MHz)
10.07.15
ANFCA-4040-A02 ABRACON-ANFCA-4040-A02 Datasheet
1Mb / 3P
NFC Ferrite Antenna (13.56MHz)
10.09.15
ANFCA-5040-A02 ABRACON-ANFCA-5040-A02 Datasheet
1Mb / 3P
NFC Ferrite Antenna (13.56MHz)
10.09.15
logo
World Produts Inc.
WPANTDP111-C1A WPI-WPANTDP111-C1A Datasheet
97Kb / 2P
NFC Antenna
logo
Raltron Electronics Cor...
RNF-LF-P-50-W RALTRON-RNF-LF-P-50-W Datasheet
304Kb / 3P
NFC ANTENNA
RNF-VA1-862155-W-001 RALTRON-RNF-VA1-862155-W-001 Datasheet
206Kb / 2P
NFC ANTENNA
RPA-VH-P-50-IPEX-90-G RALTRON-RPA-VH-P-50-IPEX-90-G Datasheet
137Kb / 1P
NFC ANTENNA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com