Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4002 Datasheet (PDF) - Analog Devices

ADF4002 Datasheet PDF - Analog Devices
Part # ADF4002
Download  ADF4002 Download
File Size   542.13 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Phase Detector/Frequency Synthesizer

ADF4002 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF4002 Datasheet PDF - Analog Devices

Part # ADF4002
Download  ADF4002 Click to download

File Size   542.13 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Phase Detector/Frequency Synthesizer

ADF4002 Datasheet (HTML) - Analog Devices


ADF4002 Product details

FEATURES
400 MHz bandwidth
2.7 V to 3.3 V power supply
Separate charge pump supply (VP) allows extended
tuning voltage in 3 V systems
Programmable charge pump currents
3-wire serial interface
Analog and digital lock detect
Hardware and software power-down mode
104 MHz phase detector

APPLICATIONS
Clock conditioning
Clock generation
IF LO generation




Similar Part No. - ADF4002

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4002 AD-ADF4002 Datasheet
444Kb / 24P
Phase Detector/Frequency Synthesizer
4/06-Revision 0
ADF4002BCPZ AD-ADF4002BCPZ Datasheet
444Kb / 24P
Phase Detector/Frequency Synthesizer
4/06-Revision 0
ADF4002BCPZ-RL AD-ADF4002BCPZ-RL Datasheet
444Kb / 24P
Phase Detector/Frequency Synthesizer
4/06-Revision 0
ADF4002BCPZ-RL7 AD-ADF4002BCPZ-RL7 Datasheet
444Kb / 24P
Phase Detector/Frequency Synthesizer
4/06-Revision 0
ADF4002BRUZ AD-ADF4002BRUZ Datasheet
444Kb / 24P
Phase Detector/Frequency Synthesizer
4/06-Revision 0
More results


Similar Description - ADF4002

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4002 AD-ADF4002 Datasheet
444Kb / 24P
Phase Detector/Frequency Synthesizer
4/06-Revision 0
logo
Motorola, Inc
MC12040 MOTOROLA-MC12040 Datasheet
68Kb / 5P
Phase-Frequency Detector
logo
LANSDALE Semiconductor ...
ML4344 LANSDALE-ML4344 Datasheet
6Mb / 5P
Phase Frequency Detector
ML145159 LANSDALE-ML145159 Datasheet
1Mb / 10P
Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
ML145170 LANSDALE-ML145170 Datasheet
13Mb / 26P
Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Analog Devices
ADF4002 AD-ADF4002_15 Datasheet
371Kb / 20P
Phase Detector/Frequency Synthesizer
REV. C
logo
Motorola, Inc
MC145159 MOTOROLA-MC145159 Datasheet
288Kb / 10P
Serial Input PLL Frequency Synthesizer with analog phase Detector
MC1451591 MOTOROLA-MC1451591 Datasheet
225Kb / 12P
Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
MC145159-1 MOTOROLA-MC145159-1 Datasheet
287Kb / 10P
Serial Input PLL Frequency Synthesizer with Analog Phase Detector
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159_08 Datasheet
434Kb / 10P
Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com