Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM320 Datasheet (PDF) - Analog Devices

ADUCM320 Datasheet PDF - Analog Devices
Part # ADUCM320
Download  ADUCM320 Download
File Size   458.02 Kbytes
Page   31 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Analog Microcontroller, 14-Bit Analog Input/Output with MDIO Interface, ARM Cortex-M3

ADUCM320 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUCM320 Datasheet PDF - Analog Devices

Part # ADUCM320
Download  ADUCM320 Click to download

File Size   458.02 Kbytes
Page   31 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Analog Microcontroller, 14-Bit Analog Input/Output with MDIO Interface, ARM Cortex-M3

ADUCM320 Datasheet (HTML) - Analog Devices


ADUCM320 Product details

FEATURES
Analog input/output
Multichannel, 14-bit, 1 MSPS analog-to-digital
converter (ADC)
Up to 16 ADC input channels
0 V to VREF analog input range
Fully differential and single-ended modes
AVDD and IOVDD monitors
12-bit voltage output digital-to-analog converters (VDACs)
8 VDACs with a range of 0 V to 2.5 V or AVDD outputs
12-bit current output DACs (IDACs)
4 IDACS with a range of 0 mA to 150 mA outputs
Voltage comparator
Microcontroller
ARM® Cortex®-M3 processor, 32-bit RISC architecture
Serial wire port supports code download and debug
Clocking options
80 MHz phase-locked loop (PLL) with programmable
divider
Trimmed on-chip oscillator (±3%)
External 16 MHz crystal option
External clock source up to 80 MHz
Memory
2 × 128 kB independent Flash/EE memories
10,000 cycle Flash/EE endurance
20-year Flash/EE retention
32 kB SRAM
Software triggered in-circuit reprogrammability via
management data input/output (MDIO)
On-chip peripherals
MDIO slave up to 4 MHz
2 × I2C, 2 × SPI, UART
Multiple general-purpose input/output (GPIO) pins: 3.6 V
compliant
7 × 1.2 V compatible when used for MDIO
32-element programmable logic array (PLA)
3 general-purpose timers
Wake-up timer
Watchdog timer
16-bit pulse width modulator (PWM)
Power
Supply range: 2.9 V to 3.6 V, and 1.8 V to 2.5 V for IDACs
Flexible operating modes for low power applications
Packages and temperature range
6 mm × 6mm, 96-ball CSP_BGA package
Fully specified for −40°C to +105°C ambient operation
Tools
Low cost QuickStart™ development system
Full third party support




Similar Part No. - ADUCM320

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM320 AD-ADUCM320 Datasheet
520Kb / 31P
Fully differential and single-ended modes
REV. C
ADUCM320I AD-ADUCM320I Datasheet
490Kb / 27P
Fully differential and single-ended modes
REV. 0
More results


Similar Description - ADUCM320

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
32-bit ARM Cortex-M3 microcontroller;
logo
Analog Devices
ADUCRF101 AD-ADUCRF101 Datasheet
3Mb / 26P
Precision Analog Microcontroller ARM Cortex - M3 with ISM band
Rev. PrD
logo
NXP Semiconductors
LPC178X NXP-LPC178X Datasheet
1Mb / 117P
32-bit ARM Cortex-M3 microcontroller
Rev. 2-27 May 2011
logo
Holtek Semiconductor In...
HT32F1251 HOLTEK-HT32F1251 Datasheet
851Kb / 35P
32-bit Microcontroller with ARM Cortex-M3 Core
May 27, 2011
logo
Analog Devices
ADUCM360 AD-ADUCM360_13 Datasheet
525Kb / 24P
Low Power, Precision Analog Microcontroller with Dual Sigma-Delta ADCs, ARM Cortex-M3
REV. B
ADUCM410 AD-ADUCM410 Datasheet
836Kb / 35P
Precision Analog Microcontroller, 16-Bit Analog Input/Output with MDIO Interface, Arm Cortex-M33
9/2020-Revision 0
ADUCM420 AD-ADUCM420 Datasheet
335Kb / 25P
Precision Analog Microcontroller, 12-Bit Analog Input/Output with MDIO Interface, Arm Cortex-M33
1/2021-Revision 0
ADUCM362-EP AD-ADUCM362-EP Datasheet
284Kb / 15P
Low Power, Precision Analog Microcontroller with Dual Sigma-Delta ADC, ARM Cortex-M3
Rev. 0
ADUCM360 AD-ADUCM360_V01 Datasheet
112Kb / 4P
Low Power Precision Analog Microcontroller, ARM Cortex-M3, with Dual Sigma-Delta ADCs
Rev. A
ADUCM430 AD-ADUCM430 Datasheet
83Kb / 2P
Precision Analog Microcontroller, 12-Bit Analog Input and Output with PMIC and TECC, Arm Cortex-M3
Rev. Sp0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com