Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM322 Datasheet (PDF) - Analog Devices

ADUCM322 Datasheet PDF - Analog Devices
Part # ADUCM322
Download  ADUCM322 Download
File Size   502.79 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Analog Microcontroller, Analog I/O with MDIO Interface, ARM Cortex-M3

ADUCM322 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUCM322 Datasheet PDF - Analog Devices

Part # ADUCM322
Download  ADUCM322 Click to download

File Size   502.79 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Analog Microcontroller, Analog I/O with MDIO Interface, ARM Cortex-M3

ADUCM322 Datasheet (HTML) - Analog Devices


ADUCM322 Product details

FEATURES
Analog input/output
Multichannel, 12-bit, 1 MSPS analog-to-digital
converter (ADC)
Up to 16 ADC input channels
0 V to VREF analog input range
Single-ended modes
AVDD and IOVDD monitors
12-bit voltage output digital-to-analog converters (VDACs)
8 VDACs with a range of 0 V to 2.5 V or AVDD outputs
Voltage comparator
Microcontroller
ARM Cortex-M3 processor, 32-bit RISC architecture
Serial wire port supports code download and debug
Clocking options
80 MHz phase-locked loop (PLL) with programmable divider
Trimmed on-chip oscillator (±3%)
External 16 MHz crystal option
External clock source up to 80 MHz
Memory
2 × 128 kB independent Flash/EE memories
10,000 cycle Flash/EE endurance
20-year Flash/EE retention
32 kB SRAM
Software triggered in-circuit reprogrammability via
management data input/output (MDIO)
On-chip peripherals
MDIO slave up to 4 MHz
2 × I2C, 2 × SPI, UART
Multiple general-purpose input/output (GPIO) balls: 3.6 V
compliant
7 × 1.2 V compatible when used for MDIO
32-element programmable logic array (PLA)
3 general-purpose timers
Wake-up timer
Watchdog timer
16-bit pulse width modulator (PWM)
Power
Supply range: 2.9 V to 3.6 V
Flexible operating modes for low power applications
Packages and temperature range
6 mm × 6 mm, 96-ball CSP_BGA package
Fully specified for −40°C to +105°C ambient operation
Tools
QuickStart development system
Full third-party support




Similar Part No. - ADUCM322

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM322 AD-ADUCM322 Datasheet
565Kb / 24P
Up to 16 ADC input channels
REV. 0
ADUCM322I AD-ADUCM322I Datasheet
464Kb / 23P
general-purpose timers
REV. 0
More results


Similar Description - ADUCM322

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
32-bit ARM Cortex-M3 microcontroller;
logo
Analog Devices
ADUCRF101 AD-ADUCRF101 Datasheet
3Mb / 26P
Precision Analog Microcontroller ARM Cortex - M3 with ISM band
Rev. PrD
logo
NXP Semiconductors
UM10430 PHILIPS-UM10430 Datasheet
7Mb / 1164P
LPC18xx ARM Cortex-M3 microcontroller
Rev. 00.13-20 July 2011
logo
Analog Devices
ADUC7021BCPZ62 AD-ADUC7021BCPZ62 Datasheet
1Mb / 104P
Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUCM360 AD-ADUCM360_13 Datasheet
525Kb / 24P
Low Power, Precision Analog Microcontroller with Dual Sigma-Delta ADCs, ARM Cortex-M3
REV. B
ADUCM410 AD-ADUCM410 Datasheet
836Kb / 35P
Precision Analog Microcontroller, 16-Bit Analog Input/Output with MDIO Interface, Arm Cortex-M33
9/2020-Revision 0
ADUCM420 AD-ADUCM420 Datasheet
335Kb / 25P
Precision Analog Microcontroller, 12-Bit Analog Input/Output with MDIO Interface, Arm Cortex-M33
1/2021-Revision 0
ADUCM362-EP AD-ADUCM362-EP Datasheet
284Kb / 15P
Low Power, Precision Analog Microcontroller with Dual Sigma-Delta ADC, ARM Cortex-M3
Rev. 0
ADUCM360 AD-ADUCM360_V01 Datasheet
112Kb / 4P
Low Power Precision Analog Microcontroller, ARM Cortex-M3, with Dual Sigma-Delta ADCs
Rev. A
ADUCM430 AD-ADUCM430 Datasheet
83Kb / 2P
Precision Analog Microcontroller, 12-Bit Analog Input and Output with PMIC and TECC, Arm Cortex-M3
Rev. Sp0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com