Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20-313137 Datasheet (PDF) - Analog Devices

20-313137 Datasheet PDF - Analog Devices
Part # 20-313137
Download  20-313137 Download
File Size   567.64 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluation Board for the 16-Lead LFCSP Devices in the Switches and Multiplexers Portfolio

20-313137 Datasheet (PDF)

Go To PDF Page Download Datasheet
20-313137 Datasheet PDF - Analog Devices

Part # 20-313137
Download  20-313137 Click to download

File Size   567.64 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluation Board for the 16-Lead LFCSP Devices in the Switches and Multiplexers Portfolio

20-313137 Datasheet (HTML) - Analog Devices


20-313137 Product details

FEATURES
► 16-lead, 4 mm × 4 mm LFCSP evaluation board
► Easily changeable clamshell socket for the main device
► Gold pin connectors for the addition of passive components
► SMB connectors for the input and output of signals
► Additional space on board for prototyping




Similar Part No. - 20-313137

ManufacturerPart #DatasheetDescription
logo
Analog Devices
20-313137 AD-20-313137 Datasheet
558Kb / 12P
Evaluation Board User Guide
REV. A
20-313137 AD-20-313137 Datasheet
568Kb / 12P
Evaluation Board User Guide
REV. 0
20-313137 AD-20-313137 Datasheet
282Kb / 8P
Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
20-313137 AD-20-313137 Datasheet
2Mb / 24P
Evaluating the AD74115H Single-Channel, Software Configurable Input and Output with HART Modem
Rev. 0
20-313137 AD-20-313137 Datasheet
1Mb / 28P
Evaluation Board for the ADF5901, ADF5904, and ADF4159 Chipset for a 24 GHz FMCW Radar
Rev. B
More results


Similar Description - 20-313137

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
Evaluation Board for the CS44L11
CDB4354 CIRRUS-CDB4354 Datasheet
724Kb / 11P
Evaluation Board for the CS4354
logo
Analog Devices
UG-190 AD-UG-190 Datasheet
331Kb / 8P
Differential Amplifier Evaluation Board for Single 8-lead LFCSP Packages
REV. A
UG-054 AD-UG-054 Datasheet
468Kb / 8P
Setting Up the Evaluation Board for the ADP150
REV. 0
logo
Silicon Laboratories
SI537X-EVB SILABS-SI537X-EVB Datasheet
922Kb / 41P
EVALUATION BOARD FOR THE Si3210/15/16 PROSLIC
logo
Analog Devices
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
Evaluation Board for the AD623
REV. 0
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
Evaluation Board for the ADP1720
REV. 0
logo
STMicroelectronics
UM0843 STMICROELECTRONICS-UM0843 Datasheet
871Kb / 48P
EVALSPEAr310 - evaluation board for the SPEAr310
25-Feb-2010
logo
Sames
PM2005MP SAMES-PM2005MP Datasheet
252Kb / 12P
Evaluation Board for the SA2005M and SA2005P
logo
Cirrus Logic
CDB53L30 CIRRUS-CDB53L30 Datasheet
2Mb / 37P
Evaluation Board for the CS53L30
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com