Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W2110W111 Datasheet (PDF) - EPCOS

W2110W111 Datasheet PDF - EPCOS
Part # W2110W111
Download  W2110W111 Download
File Size   796.66 Kbytes
Page   19 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Ultrasonic sensor module USSM1.0 PLUS-FS

W2110W111 Datasheet (PDF)

Go To PDF Page Download Datasheet
W2110W111 Datasheet PDF - EPCOS

Part # W2110W111
Download  W2110W111 Click to download

File Size   796.66 Kbytes
Page   19 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Ultrasonic sensor module USSM1.0 PLUS-FS

W2110W111 Datasheet (HTML) - EPCOS


W2110W111 Product details

Features
 Robust, fast, and accurate range finding
- Std. operating range from 4 cm 1 / 18 cm to 2 m
- Water/dust protected chassis integration up to IP65/67 (EN60529)
- Sample rate up to 50 samples/sec
- Programmable modes optimized for medium and short-range sensing
- Digitally adjustable detection characteristic
- Symmetric directivity of ±35° 2
- Multi-object detection and differentiation
- Works in a wide range of lighting conditions, including full sunlight to complete darkness
- Detects transparent surfaces, insensitive to object color and density
- Operating temperature range -40 to 85 °C
 Easy to integrate
- Integrated socket connector
- For front chassis mounting applications
- Integrated slots for snap-hook mounting
- Built-in thread for direct chassis mounting with locking nut
- Single sensor for send and receive (solo mode) or pitch-and-catch mode (split emitter and
receiver operation) for very close-range applications
- Single 8 to 18 V supply to drive results in improved acoustic performance
- High immunity against electromagnetic interferences (EMI)
- Self-diagnostic functions available for monitoring sensor status




Similar Part No. - W2110W111

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W2112 ETC1-W2112 Datasheet
350Kb / 3P
A Major Advance in RTD Technology
logo
Cypress Semiconductor
W211B CYPRESS-W211B Datasheet
174Kb / 16P
FTG for 440BX, VIA Apollo Pro-133, and ProMedia
More results


Similar Description - W2110W111

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
US-100 ETC1-US-100 Datasheet
477Kb / 6P
ULTRASONIC SENSOR MODULE
logo
Pepperl+Fuchs Inc.
UB2000-F42S-U-V15 PF-UB2000-F42S-U-V15 Datasheet
840Kb / 6P
Ultrasonic sensor
UB3000-F42-UK-V95 PF-UB3000-F42-UK-V95 Datasheet
829Kb / 6P
Ultrasonic sensor
UB4000-F42-E4-V15 PF-UB4000-F42-E4-V15 Datasheet
457Kb / 6P
Ultrasonic sensor
UB4000-F42-E6-V15 PF-UB4000-F42-E6-V15 Datasheet
448Kb / 6P
Ultrasonic sensor
UB4000-F42-U-V15 PF-UB4000-F42-U-V15 Datasheet
452Kb / 6P
Ultrasonic sensor
UB6000-30GM-H3-V1 PF-UB6000-30GM-H3-V1 Datasheet
482Kb / 4P
Ultrasonic sensor
UC3500-30GM70S-UE2R2-V15 PF-UC3500-30GM70S-UE2R2-V15 Datasheet
896Kb / 6P
Ultrasonic sensor
UC6000-30GM-2EP-IO-V15 PF-UC6000-30GM-2EP-IO-V15 Datasheet
1Mb / 8P
Ultrasonic sensor
logo
Sciosense B.V.
UFM-01 SCIOSENSE-UFM-01 Datasheet
1Mb / 2P
Ultrasonic Flow Sensor Module
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com