Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA6518 Datasheet (PDF) - United Monolithic Semiconductors

CHA6518 Datasheet PDF - United Monolithic Semiconductors
Part # CHA6518
Download  CHA6518 Download
File Size   327.02 Kbytes
Page   8 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 5 - 18 GHz High Power Amplifier

CHA6518 Datasheet (PDF)

Go To PDF Page Download Datasheet
CHA6518 Datasheet PDF - United Monolithic Semiconductors

Part # CHA6518
Download  CHA6518 Click to download

File Size   327.02 Kbytes
Page   8 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 5 - 18 GHz High Power Amplifier

CHA6518 Datasheet (HTML) - United Monolithic Semiconductors




Similar Part No. - CHA6518

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6518 UMS-CHA6518 Datasheet
252Kb / 8P
5 - 18 GHz High Power Amplifier
CHA6518-99F UMS-CHA6518-99F Datasheet
252Kb / 8P
5 - 18 GHz High Power Amplifier
CHA6518-99F00 UMS-CHA6518-99F00 Datasheet
252Kb / 8P
5 - 18 GHz High Power Amplifier
CHA6518 UMS-CHA6518_09 Datasheet
252Kb / 8P
5 - 18 GHz High Power Amplifier
More results


Similar Description - CHA6518

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA9092 TRIQUINT-TGA9092 Datasheet
492Kb / 4P
6 - 18 GHz High Power Amplifier
TGA9092-SCC TRIQUINT-TGA9092-SCC Datasheet
291Kb / 10P
6 - 18 GHz High Power Amplifier
logo
Teledyne Technologies I...
CMA-40-1808 TELEDYNE-CMA-40-1808 Datasheet
889Kb / 2P
Power Amplifier 18 GHz - 40 GHz
CPA-18-6027 TELEDYNE-CPA-18-6027 Datasheet
876Kb / 2P
Power Amplifier 6 GHz - 18 GHz
CPA-18-6037 TELEDYNE-CPA-18-6037 Datasheet
877Kb / 2P
Power Amplifier 6 GHz - 18 GHz
CPA-18-6038 TELEDYNE-CPA-18-6038 Datasheet
877Kb / 2P
Power Amplifier 6 GHz - 18 GHz
TMA-40-1808 TELEDYNE-TMA-40-1808 Datasheet
885Kb / 2P
Power Amplifier 18 GHz - 40 GHz
logo
United Monolithic Semic...
CHA6517 UMS-CHA6517 Datasheet
432Kb / 10P
6 - 18 GHz High Power Amplifier
CHA6518 UMS-CHA6518_09 Datasheet
252Kb / 8P
5 - 18 GHz High Power Amplifier
logo
TriQuint Semiconductor
TGA9092-SCC TRIQUINT-TGA9092-SCC_15 Datasheet
297Kb / 10P
6 - 18 GHz High Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com