Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

653 Datasheet (PDF) - Nexperia B.V. All rights reserved

653 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 653
Download  653 Download
File Size   259.03 Kbytes
Page   24 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual retriggerable precision monostable multivibrator

653 Datasheet (PDF)

Go To PDF Page Download Datasheet
653 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 653
Download  653 Click to download

File Size   259.03 Kbytes
Page   24 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual retriggerable precision monostable multivibrator

653 Datasheet (HTML) - Nexperia B.V. All rights reserved


653 Product details

General description
The 74HC4538; 74HCT4538 is a dual retriggerable-resettable monostable multivibrator.
Each multivibrator has two trigger/retrigger inputs (nA and nB), a direct reset input (nCD),
two complementary outputs (nQ and nQ), and two pins (nREXT/CEXT and nCEXT) for
connecting the external timing components CEXT and REXT. Typical pulse width variation
over temperature range is ± 0.2%. The device may be triggered by either the positive or
the negative edges of the input pulse. The duration and accuracy of the output pulse are
determined by the external timing components CEXT and REXT. The output pulse width (T)
is equal to 0.7  REXT  CEXT. The linear design techniques guarantee precise control of
the output pulse width. A LOW level at nCD terminates the output pulse immediately.
Schmitt-trigger action in the trigger inputs makes the circuit highly tolerant to slower rise
and fall times. Inputs include clamp diodes. This enables the use of current limiting
resistors to interface inputs to voltages in excess of VCC.
Features and benefits
 Tolerant of slow trigger rise and fall times
 Separate reset inputs
 Triggering from falling or rising edge
 Complies with JEDEC standard no. 7A
 Input levels:
 For 74HC4538: CMOS level
 For 74HCT4538: TTL level
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 Multiple package options
 Specified from 40 C to +85 C and from 40 C to +125 C




Similar Part No. - 653

ManufacturerPart #DatasheetDescription
logo
Littelfuse
653 LITTELFUSE-653 Datasheet
76Kb / 1P
MINIATURE FUSEHOLDERS
logo
Automatic Timing & Cont...
653 ATC-653 Datasheet
476Kb / 2P
Multi-Function Multi-Range Solid-State
logo
Abbatron All Rights Res...
653 ABBATRON-653 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Nexperia B.V. All right...
653 NEXPERIA-653 Datasheet
181Kb / 15P
Quad 2-input NAND gate
Rev. 7 25 November 2015
653 NEXPERIA-653 Datasheet
171Kb / 16P
Dual 4-input multiplexer
Rev. 6 11 May 2016
More results


Similar Description - 653

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
logo
NXP Semiconductors
74HC4538 PHILIPS-74HC4538 Datasheet
149Kb / 13P
Dual retriggerable precision monostable multivibrator
September 1993
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC14538B ONSEMI-MC14538B_05 Datasheet
151Kb / 12P
Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP_07 Datasheet
361Kb / 9P
Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
NXP Semiconductors
74HC_HCT4538 PHILIPS-74HC_HCT4538_15 Datasheet
150Kb / 24P
Dual retriggerable precision monostable multivibrator
Rev. 03-8 June 2009
logo
Nexperia B.V. All right...
74HC4538-Q100 NEXPERIA-74HC4538-Q100 Datasheet
256Kb / 20P
Dual retriggerable precision monostable multivibrator
74HCT4538-Q100 NEXPERIA-74HCT4538-Q100 Datasheet
252Kb / 20P
Dual retriggerable precision monostable multivibrator
74HCT4538 NEXPERIA-74HCT4538 Datasheet
274Kb / 16P
Dual retriggerable precision monostable multivibrator
Rev. 6 - 11 February 2021
74HC4538 NEXPERIA-74HC4538 Datasheet
293Kb / 17P
Dual retriggerable precision monostable multivibrator
Rev. 6 - 16 July 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com