Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC594PW Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC594PW Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC594PW
Download  74HC594PW Download
File Size   320.39 Kbytes
Page   21 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit shift register with output register

74HC594PW Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC594PW Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC594PW
Download  74HC594PW Click to download

File Size   320.39 Kbytes
Page   21 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit shift register with output register

74HC594PW Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC594PW Product details

General description
The 74HC594; 74HCT594 is an 8-bit serial-in/serial or parallel-out shift register with a storage
register. Separate clock and reset inputs are provided on both shift and storage registers. The
device features a serial input (DS) and a serial output (Q7S) to enable cascading. Data is shifted
on the LOW-to-HIGH transitions of the SHCP input, and the data in the shift register is transferred
to the storage register on a LOW-to-HIGH transition of the STCP input. If both clocks are
connected together, the shift register will always be one clock pulse ahead of the storage register.
A LOW level on one of the two register reset pins (SHR and STR) will clear the corresponding
register. Inputs include clamp diodes. This enables the use of current limiting resistors to interface
inputs to voltages in excess of VCC.
Features and benefits
• Synchronous serial input and output
• 8-bit parallel output
• Shift and storage registers have independent direct clear and clocks
• Independent clocks for shift and storage registers
• 100 MHz (typical)
• Wide supply voltage range from 2.0 V to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Input levels:
• For 74HC594: CMOS level
• For 74HCT594: TTL level
• Complies with JEDEC standards
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V (C = 200 pF, R = 0 Ω)
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
Applications
• Serial-to parallel data conversion
• Remote control holding register




Similar Part No. - 74HC594PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC594PW NEXPERIA-74HC594PW Datasheet
347Kb / 23P
8-bit shift register with output register
Rev. 7 - 20 October 2022
74HC594PW-Q100 NEXPERIA-74HC594PW-Q100 Datasheet
873Kb / 25P
8-bit shift register with output register
74HC594PW-Q100 NEXPERIA-74HC594PW-Q100 Datasheet
329Kb / 22P
8-bit shift register with output register
Rev. 4 - 27 September 2022
More results


Similar Description - 74HC594PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC594 PHILIPS-74HC594 Datasheet
71Kb / 10P
8-bit shift register with output register
December 1991
74AHC594 PHILIPS-74AHC594 Datasheet
153Kb / 29P
8-bit shift register with output register
Rev. 01-4 July 2006
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC594 NXP-74HC594 Datasheet
137Kb / 26P
8-bit shift register with output register
Rev. 03-20 December 2006
74AHC_AHCT594 PHILIPS-74AHC_AHCT594_15 Datasheet
132Kb / 22P
8-bit shift register with output register
Rev. 02-9 June 2008
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A-Q100 NEXPERIA-74LVC594A-Q100 Datasheet
253Kb / 21P
8-bit shift register with output register
74HC594-Q100 NEXPERIA-74HC594-Q100 Datasheet
873Kb / 25P
8-bit shift register with output register
74HC594 NEXPERIA-74HC594 Datasheet
347Kb / 23P
8-bit shift register with output register
Rev. 7 - 20 October 2022
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
8-bit shift register with output register
Rev. 4 - 3 September 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com