Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1590Z080 Datasheet (PDF) - Hammond Manufacturing Ltd.

1590Z080 Datasheet PDF - Hammond Manufacturing Ltd.
Part # 1590Z080
Download  1590Z080 Download
File Size   440.84 Kbytes
Page   4 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Type 4X/ 6P Diecast Aluminum Enclosures 1590Z Series Watertight, Thick Wall, UL Listed

1590Z080 Datasheet (PDF)

Go To PDF Page Download Datasheet
1590Z080 Datasheet PDF - Hammond Manufacturing Ltd.

Part # 1590Z080
Download  1590Z080 Click to download

File Size   440.84 Kbytes
Page   4 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Type 4X/ 6P Diecast Aluminum Enclosures 1590Z Series Watertight, Thick Wall, UL Listed

1590Z080 Datasheet (HTML) - Hammond Manufacturing Ltd.


1590Z080 Product details

Key Features:
Rugged, diecast aluminum alloy (tough yet easy to machine), electronic instrument
enclosure.
Two piece “tongue & groove” construction with a replaceable one-piece silicone rubber
gasket provides protection against access of dust and water. Gasket supplied loose
inside the enclosure (not pre-installed).
Gasket has a temperature rating of -40C to +150C
Ideal for repetitive opening and closing.
Four recessed stainless steel machine screws secure lid into tapped holes.
Easy to wall mount using “through box - blind hole” construction, outside of gasket
protection.
Lid screws are self captivating (lid holes are threaded with the first installation of lid
screws). (NOTE: Except for 1590Z060, 1590Z061, 1590Z062, and 1590Z063)
Designed to meet IP68.
North American Mark of Safety - cUL & UL listed. Certified to Type 4, 4X, 6, 6P.
All sizes except 1590Z060** carry an impact rating of IK08 per IEC62262
16ga galvanized steel inner panels are available for most sizes, and are sold separately
(refer to table below).
Painted versions are painted inside and out with a tough powder paint. Choice of textured
black or smooth gray (RAL 7001).
For non-metallic (glass reinforced polyester) versions of these enclosures, see series
1590ZGRP




Similar Part No. - 1590Z080

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1590Z060 HAMMOND-1590Z060 Datasheet
240Kb / 5P
Watertight - Thick Wall - Diecast Aluminum Enclosures Heavy Duty (1590Z Series)
1590Z060 HAMMOND-1590Z060 Datasheet
348Kb / 1P
Basic Enclosure
1590Z060 HAMMOND-1590Z060 Datasheet
388Kb / 3P
Type 4X Diecast Aluminum Enclosures 1590Z Series Watertight, Thick Wall, UL Listed
6/24/2018
1590Z060. HAMMOND-1590Z060. Datasheet
348Kb / 1P
Basic Enclosure
1590Z060BK HAMMOND-1590Z060BK Datasheet
240Kb / 5P
Watertight - Thick Wall - Diecast Aluminum Enclosures Heavy Duty (1590Z Series)
More results


Similar Description - 1590Z080

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCDDH09NKL DUBILIER-DBCDDH09NKL Datasheet
96Kb / 1P
D TYPE CONNECTOR HOODS DIECAST HOODS
logo
Tyco Electronics
C-1986164 MACOM-C-1986164 Datasheet
82Kb / 1P
SOLAR CABLE, UL-LISTED, IO AWG
C-1986165 MACOM-C-1986165 Datasheet
81Kb / 1P
SOLAR CABLE, UL-LISTED, 12AWG
C-1986166 MACOM-C-1986166 Datasheet
82Kb / 1P
SOLAR CABLE, UL-LISTED, 14AWG
logo
Hammond Manufacturing L...
1590VFL HAMMOND-1590VFL Datasheet
152Kb / 2P
DIECAST ALUMINUM ENCLOSURES
logo
List of Unclassifed Man...
BU-00209-0 ETC2-BU-00209-0 Datasheet
199Kb / 1P
UL Listed Threaded Safety Plunger
logo
Hammond Manufacturing L...
SCGM4 HAMMOND-SCGM4 Datasheet
240Kb / 5P
Watertight - Thick Wall - Diecast Aluminum Enclosures Heavy Duty (1590Z Series)
logo
Eaton All Rights Reserv...
SPP40SP1120SN EATON-SPP40SP1120SN Datasheet
1Mb / 4P
SurgePOD??PRO UL Listed Type 1 surge protective devices
logo
Hammond Manufacturing L...
1551W HAMMOND-1551W Datasheet
159Kb / 1P
Watertight Polycarbonate Miniature Enclosures
7/24/22
1455 HAMMOND-1455 Datasheet
509Kb / 7P
Extruded Aluminum Enclosures
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com