Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1591 Datasheet (PDF) - Hammond Manufacturing Ltd.

1591 Datasheet PDF - Hammond Manufacturing Ltd.
Part # 1591
Download  1591 Download
File Size   128.43 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Translucent Polycarbonate (1591 Series)

1591 Datasheet (PDF)

Go To PDF Page Download Datasheet
1591 Datasheet PDF - Hammond Manufacturing Ltd.

Part # 1591
Download  1591 Click to download

File Size   128.43 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Translucent Polycarbonate (1591 Series)

1591 Datasheet (HTML) - Hammond Manufacturing Ltd.


1591 Product details

KEY FEATURES

• Electronic instrument enclosures, designed for mounting printed circuit boards.
• Ideally suited for modern styling or where internal components need to be visible.
• Molded in flame retardant translucent polycarbonate (material carries a UL flammability rating of 94V-0).
• Integral card guides accept 1.5 mm (0.062”) P.C. cards.
• Lap joint construction provides protection against access of dust and splashing water.
• Designed to meet IP54
• Molded from translucent, ice blue or infrared translucent red polycarbonate. Visit our web site for color & detail photos of
each part.
• Lid is secured with M3 x 10 mm Philips machine screws, threaded into tapped integral brass bushings.




Similar Part No. - 1591

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
1591 APITECH-1591 Datasheet
511Kb / 1P
TNC Connectors
logo
Hammond Manufacturing L...
1591 HAMMOND-1591 Datasheet
289Kb / 3P
Quality Products. Service Excellence
logo
Adafruit Industries
1591 ADAFRUIT-1591 Datasheet
205Kb / 2P
4.3" 40-pin TFT Display - 480x272 with Touchscreen
12-20-23
logo
Hammond Manufacturing L...
1591 HAMMOND-1591 Datasheet
270Kb / 3P
ABS Plastic Multipurpose Enclosures w/ Card Guides 1591 Series Flame Retardant, General Purpose, Flanged Lid or Bottom
8/8/2017
1591 HAMMOND-1591 Datasheet
290Kb / 3P
ABS Plastic Multipurpose Enclosures w/ Card Guides 1591 Series Flame Retardant, General Purpose, Flanged Lid or Bottom
8/25/2018
More results


Similar Description - 1591

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1613 EFC-1613 Datasheet
54Kb / 9P
METALLIZED POLYCARBONATE
1613EFR EFC-1613EFR Datasheet
13Kb / 1P
Metallized Polycarbonate Capacitors
logo
Visual Communications C...
CLP-125 VCC-CLP-125 Datasheet
135Kb / 1P
Polycarbonate
CLP-126 VCC-CLP-126 Datasheet
205Kb / 1P
Polycarbonate
CLP-129 VCC-CLP-129 Datasheet
162Kb / 1P
Polycarbonate
logo
Molex Electronics Ltd.
130112-0169 MOLEX11-130112-0169 Datasheet
37Kb / 1P
Clear Polycarbonate Guard
1301120173 MOLEX11-1301120173 Datasheet
29Kb / 1P
Clear Polycarbonate Guard
logo
Laird Tech Smart Techno...
S2403BP LSTD-S2403BP Datasheet
276Kb / 1P
Polycarbonate enclosures
logo
SparkFun Electronics
PRT-09567 SPARKFUN-PRT-09567 Datasheet
77Kb / 1P
Breadboard - Translucent Self-Adhesive (Clear)
5-15-17
PRT-11317 SPARKFUN-PRT-11317 Datasheet
611Kb / 2P
Breadboard - Translucent Self-Adhesive (Red)
9??2??7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com