Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1591LBK Datasheet (PDF) - Hammond Manufacturing Ltd.

1591LBK Datasheet PDF - Hammond Manufacturing Ltd.
Part # 1591LBK
Download  1591LBK Download
File Size   290.85 Kbytes
Page   3 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description ABS Plastic Multipurpose Enclosures w/ Card Guides 1591 Series Flame Retardant, General Purpose, Flanged Lid or Bottom

1591LBK Datasheet (PDF)

Go To PDF Page Download Datasheet
1591LBK Datasheet PDF - Hammond Manufacturing Ltd.

Part # 1591LBK
Download  1591LBK Click to download

File Size   290.85 Kbytes
Page   3 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description ABS Plastic Multipurpose Enclosures w/ Card Guides 1591 Series Flame Retardant, General Purpose, Flanged Lid or Bottom

1591LBK Datasheet (HTML) - Hammond Manufacturing Ltd.


1591LBK Product details

Key Features
Ideally suited for vertical mounting of printed circuit boards (internal side walls include
molded in card guides - see photo to the right).
Integral card guides accept 1.5 mm (0.062”) P.C. cards.
Lap joint construction provides protection against access of dust and splashing water.
Designed to meet IP54.
Standard versions are molded from easy to machine flame retardant ABS plastic which
carries a UL flammability rating of 94V-0.
Economy versions are molded from general purpose (not flame-retardant) plastic.
On standard versions the lid is secured with M3 x 10 mm Phillips machine screws,
threaded into integral brass bushings. Perfect for applications when repetitive assembly
and disassembly are required.
Economy versions are assembled with self tapping screws into fully plastic posts.
Black enclosures include black screws, while all others include standard nickel finish
screws.
Replacement screws available in packs of 100; 1591MS100 (nickel plated) or
1591MS100BK (black)




Similar Part No. - 1591LBK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1591LBK HAMMOND-1591LBK Datasheet
270Kb / 3P
ABS Plastic Multipurpose Enclosures w/ Card Guides 1591 Series Flame Retardant, General Purpose, Flanged Lid or Bottom
8/8/2017
More results


Similar Description - 1591LBK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G302 ETC1-G302 Datasheet
60Kb / 2P
Multipurpose Enclosures
G422 ETC2-G422 Datasheet
117Kb / 2P
Multipurpose Enclosures - ABS
G2128 ETC2-G2128 Datasheet
91Kb / 1P
Multipurpose Enclosures - ABS and Polycarbonate
logo
Hammond Manufacturing L...
RS5305S HAMMOND-RS5305S Datasheet
155Kb / 2P
RITEC - Sealed - ABS Plastic Enclosures
logo
List of Unclassifed Man...
1591GFLBK ETC2-1591GFLBK Datasheet
235Kb / 1P
FLAME RETARDANT ABS
logo
EPCOS
B82422T1224K EPCOS-B82422T1224K Datasheet
486Kb / 9P
Flame-retardant molding
logo
Kersemi Electronic Co.,...
2S2M KERSEMI-2S2M Datasheet
1Mb / 4P
Employs flame-retardant epoxy resin
logo
Ohmite Mfg. Co.
RES-MX OHMITE-RES-MX Datasheet
140Kb / 1P
Flame retardant silicone
logo
T-Global Technology
TG-LH-FBPE-80U-1 TGLOBAL-TG-LH-FBPE-80U-1 Datasheet
513Kb / 1P
Flame Retardant Potting Epoxy
logo
CamdenBoss Ltd.
CUE83 CAMDENBOSS-CUE83 Datasheet
183Kb / 1P
83 Series Multipurpose Flanged ABS Enclosure
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com