Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T50ROSEC24 Datasheet (PDF) - HellermannTyton.

T50ROSEC24 Datasheet PDF - HellermannTyton.
Part # T50ROSEC24
Download  T50ROSEC24 Download
File Size   429.87 Kbytes
Page   3 Pages
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.
Description 2-Piece Fixing Ties for Edges, 3.0 - 6.0 mm,Top Fixing

T50ROSEC24 Datasheet (PDF)

Go To PDF Page Download Datasheet
T50ROSEC24 Datasheet PDF - HellermannTyton.

Part # T50ROSEC24
Download  T50ROSEC24 Click to download

File Size   429.87 Kbytes
Page   3 Pages
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.
Description 2-Piece Fixing Ties for Edges, 3.0 - 6.0 mm,Top Fixing

T50ROSEC24 Datasheet (HTML) - HellermannTyton.


T50ROSEC24 Product details

Features and Benefits
• Pre-assembled 2-piece fixing tie with EdgeClip
• Cable tie head can be moved after bundling
• For minimum bundle diameters of 1 mm
• For edges of 3 – 6 mm




Similar Part No. - T50ROSEC24

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
T50ROS HELLERMANNTYTON-T50ROS Datasheet
415Kb / 5P
2-piece fixing ties with fir tree, with disc, for round holes
December 2021
T50ROSFT10 HELLERMANNTYTON-T50ROSFT10 Datasheet
415Kb / 5P
2-piece fixing ties with fir tree, with disc, for round holes
December 2021
T50ROSFT6 HELLERMANNTYTON-T50ROSFT6 Datasheet
415Kb / 5P
2-piece fixing ties with fir tree, with disc, for round holes
December 2021
T50ROSFT6LG HELLERMANNTYTON-T50ROSFT6LG Datasheet
415Kb / 5P
2-piece fixing ties with fir tree, with disc, for round holes
December 2021
T50ROSFT8GSD HELLERMANNTYTON-T50ROSFT8GSD Datasheet
415Kb / 5P
2-piece fixing ties with fir tree, with disc, for round holes
December 2021
More results


Similar Description - T50ROSEC24

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
CN015RZ-2001-0 YAMAICHI-CN015RZ-2001-0 Datasheet
180Kb / 2P
Direct Mounting, Screw Fixing SMT Fixing
logo
Schurter Inc.
0031.1631 SCHURTER-0031.1631 Datasheet
73Kb / 1P
fixing nut fastening
logo
Schneider Electric
ZB5AZ009 SCHNEIDER-ZB5AZ009 Datasheet
71Kb / 3P
body fixing collar for electrical block
26/12/2011
XGSZ3P SCHNEIDER-XGSZ3P Datasheet
96Kb / 3P
fixing plate - for RFID connection box
NOV 30, 2021
XSZBE90 SCHNEIDER-XSZBE90 Datasheet
112Kb / 2P
accessory for sensor - clip 90째 fixing bracket
Jan 7, 2021
XUSZFB1 SCHNEIDER-XUSZFB1 Datasheet
86Kb / 3P
Column Simple fixing base
Jan 19, 2021
logo
HARTING Technology Grou...
09-10-000-9908 HARTING-09-10-000-9908 Datasheet
504Kb / 2P
Han 1A-fixing plate
2021-10-01
09-12-000-9921 HARTING-09-12-000-9921 Datasheet
470Kb / 2P
Han Compact fixing screw
2021-10-01
09-14-000-9965 HARTING-09-14-000-9965 Datasheet
448Kb / 2P
Fixing sheet for Han SC module
2021-10-01
logo
Lapp.
44423017 LAPP-44423017 Datasheet
74Kb / 1P
EPIC® FIXING SCREWS
17.09.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com