Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7699 Datasheet (PDF) - Analog Devices

AD7699 Datasheet PDF - Analog Devices
Part # AD7699
Download  AD7699 Download
File Size   673.93 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 8-Channel, 500 kSPS PulSAR ADC

AD7699 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7699 Datasheet PDF - Analog Devices

Part # AD7699
Download  AD7699 Click to download

File Size   673.93 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 8-Channel, 500 kSPS PulSAR ADC

AD7699 Datasheet (HTML) - Analog Devices


AD7699 Product details

FEATURES 16-bit resolution with no missing codes
8-channel multiplexer with choice of inputs
Unipolar single-ended
Differential (GND sense) Pseudo bipolar
Throughput: 500 kSPS INL: ±0.5 LSB typical, ±1.5 LSB maximum (±23 ppm or FSR)
Dynamic range: 93.3 dB SINAD: 91.5 dB at 20 kHz THD: −97 dB at 20 kHz
Analog input range: 0 V to VREF with VREF up to VDD Multiple reference types Internal 4.096 V External buffered (up to 4.096 V) External (up to VDD) Internal temperature sensor Channel sequencer, selectable 1-pole filter, busy indicator No pipeline delay, SAR architecture Single-supply 5 V operation with
1.8 V to 5 V logic interface Serial interface compatible with SPI, MICROWIRE, QSPI, and DSP Power dissipation 26 mW at 500 kSPS
5.2 μW at 100 SPS
Standby current: 50 nA 20-lead 4 mm × 4 mm LFCSP package
20-lead 2.4 mm × 2.4 mm WLCSP package

APPLICATIONS
Battery-powered equipment Medical instruments: ECG/EKG
Mobile communications: GPS
Personal digital assistants Power line monitoring
Data acquisition
Seismic data acquisition systems
Instrumentation
Process control




Similar Part No. - AD7699

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7699 AD-AD7699 Datasheet
1Mb / 20P
16-Bit, 8-Channel, 250 kSPS PulSAR짰 ADC.
AD7699 AD-AD7699 Datasheet
826Kb / 28P
16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7699 AD-AD7699 Datasheet
542Kb / 28P
16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7699 AD-AD7699 Datasheet
744Kb / 28P
14-Bit, 8-Channel, 250 kSPS PulSAR ADC
REV. A
AD7699BCPZ AD-AD7699BCPZ Datasheet
542Kb / 28P
16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
More results


Similar Description - AD7699

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7682 AD-AD7682 Datasheet
826Kb / 28P
16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7699 AD-AD7699 Datasheet
542Kb / 28P
16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7686BRM AD-AD7686BRM Datasheet
611Kb / 28P
16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
EVAL-AD7689EDZ AD-EVAL-AD7689EDZ Datasheet
1Mb / 32P
16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. D
AD7652 AD-AD7652_15 Datasheet
804Kb / 28P
16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
REV. 0
AD7686 AD-AD7686_15 Datasheet
507Kb / 28P
16-Bit, 500 kSPS PulSAR
REV. C
AD7686 AD-AD7686 Datasheet
566Kb / 29P
16-Bit, 500 kSPS PulSAR ADC in MSOP
8/14- Rev. B to Rev. C
AD7652 AD-AD7652 Datasheet
790Kb / 29P
16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
0
AD7666 AD-AD7666 Datasheet
560Kb / 29P
16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
0
AD7655 AD-AD7655_17 Datasheet
593Kb / 27P
Low Cost, 4-Channel, 16-Bit, 500 kSPS PulSAR ADC
E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com