Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC824 Datasheet (PDF) - Analog Devices

ADUC824 Datasheet PDF - Analog Devices
Part # ADUC824
Download  ADUC824 Download
File Size   1079.17 Kbytes
Page   69 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description MicroConverter®, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU

ADUC824 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUC824 Datasheet PDF - Analog Devices

Part # ADUC824
Download  ADUC824 Click to download

File Size   1079.17 Kbytes
Page   69 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description MicroConverter®, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU

ADUC824 Datasheet (HTML) - Analog Devices


ADUC824 Product details

FEATURES
High Resolution Sigma-Delta ADCs
Two Independent ADCs (16- and 24-Bit Resolution)
Programmable Gain Front End
24-Bit No Missing Codes, Primary ADC
13-Bit p-p Resolution @ 20 Hz, 20 mV Range
18-Bit p-p Resolution @ 20 Hz, 2.56 V Range
Memory
8 KB On-Chip Flash/EE Program Memory
640 Bytes On-Chip Flash/EE Data Memory
Flash/EE, 100 Year Retention, 100 Kcycles Endurance
256 Bytes On-Chip Data RAM
8051-Based Core
8051-Compatible Instruction Set (12.58 MHz Max)
32 kHz External Crystal, On-Chip Programmable PLL
Three 16-Bit Timer/Counters
26 Programmable I/O Lines
11 Interrupt Sources, Two Priority Levels
Power
Specified for 3 V and 5 V Operation
Normal: 3 mA @ 3 V (Core CLK = 1.5 MHz)
Power-Down: 20 A (32 kHz Crystal Running)
On-Chip Peripherals
On-Chip Temperature Sensor
12-Bit Voltage Output DAC
Dual Excitation Current Sources
Reference Detect Circuit
Time Interval Counter (TIC)
UART Serial I/O
I2C®-Compatible and SPI® Serial I/O
Watchdog Timer (WDT), Power Supply Monitor (PSM)




Similar Part No. - ADUC824

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC824 AD-ADUC824 Datasheet
1Mb / 80P
MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
4/03-Data Sheet changed from REV. 0 to REV. A.
ADUC824 AD-ADUC824 Datasheet
1Mb / 68P
MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
5/02-Data Sheet changed from REV. A to REV. B.
ADUC824BS AD-ADUC824BS Datasheet
1Mb / 68P
MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
5/02-Data Sheet changed from REV. A to REV. B.
ADUC824BSZ AD-ADUC824BSZ Datasheet
1Mb / 68P
MicroConverter짰, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV. B
ADUC824 AD-ADUC824_15 Datasheet
1Mb / 68P
MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV.B
More results


Similar Description - ADUC824

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC834 AD-ADUC834 Datasheet
1Mb / 80P
MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
4/03-Data Sheet changed from REV. 0 to REV. A.
ADUC824 AD-ADUC824 Datasheet
1Mb / 68P
MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
5/02-Data Sheet changed from REV. A to REV. B.
ADUC844 AD-ADUC844 Datasheet
674Kb / 20P
MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU
ADUC846 AD-ADUC846 Datasheet
1Mb / 20P
MicroConverter, Dual 16-Bit ADCs with Embedded 62kB FLASH MCU
ADUC816 AD-ADUC816 Datasheet
933Kb / 68P
MicroConverter-R, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV.0
ADUC834 AD-ADUC834_02 Datasheet
1Mb / 80P
MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC836 AD-ADUC836_02 Datasheet
1Mb / 80P
MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC816 AD-ADUC816_15 Datasheet
667Kb / 68P
MicroConverter, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. A
ADUC824 AD-ADUC824_15 Datasheet
1Mb / 68P
MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV.B
ADUC834 AD-ADUC834_15 Datasheet
1Mb / 80P
MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com