Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC832 Datasheet (PDF) - Analog Devices

ADUC832 Datasheet PDF - Analog Devices
Part # ADUC832
Download  ADUC832 Download
File Size   1239.94 Kbytes
Page   93 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kB Flash MCU

ADUC832 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUC832 Datasheet PDF - Analog Devices

Part # ADUC832
Download  ADUC832 Click to download

File Size   1239.94 Kbytes
Page   93 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kB Flash MCU

ADUC832 Datasheet (HTML) - Analog Devices


ADUC832 Product details

FEATURES
ANALOG I/O
8-channel, 247 kSPS, 12-Bit ADC
DC performance: ±1 LSB INL
AC performance: 71 dB SNR
DMA controller for high speed ADC-to-RAM capture
2 12-bit (monotonic) voltage output DACs
Dual output PWM/Σ-Δ DACs
On-chip temperature sensor function: ±3°C
On-chip voltage reference
Memory
62 kB on-chip Flash/EE program memory
4 kB on-chip Flash/EE data memory
Flash/EE, 100 Yr retention, 100,000 cycles of endurance
2304 bytes on-chip data RAM
8051-based core
8051-compatible instruction set (16 MHz maximum)
32 kHz external crystal, on-chip programmable PLL
12 interrupt sources, 2 priority levels
Dual data pointer
Extended 11-bit stack pointer
On-chip peripherals
Time interval counter (TIC)
UART, I2C, and SPI Serial I/O
Watchdog timer (WDT), power supply monitor (PSM)
Power
Specified for 3 V and 5 V operation
Normal, idle, and power-down modes
Power-down: 25 μA @ 3 V with wake-up timer running




Similar Part No. - ADUC832

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC832 AD-ADUC832 Datasheet
1Mb / 80P
MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV.0
ADUC832BCP AD-ADUC832BCP Datasheet
1Mb / 80P
MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV.0
ADUC832BS AD-ADUC832BS Datasheet
1Mb / 80P
MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV.0
ADUC832BSZ AD-ADUC832BSZ Datasheet
48Kb / 3P
MicroConverter짰, Multi-Channel 12-bit ADCs and DACs with Embedded FLASH MCU
REV. B.1 November/2002
More results


Similar Description - ADUC832

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC836 AD-ADUC836 Datasheet
5Mb / 80P
MicroConverter, Dual 16-Bit-ADCs with Embedded 62 kB Flash MCU
4/03-Data Sheet changed from REV. 0 to REV. A.
ADUC841 AD-ADUC841 Datasheet
903Kb / 88P
MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
11/03-Revision 0
ADUC832 AD-ADUC832 Datasheet
1Mb / 80P
MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV.0
ADUC831 AD-ADUC831 Datasheet
1Mb / 76P
MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV.0
ADUC842BSZ62-5 AD-ADUC842BSZ62-5 Datasheet
838Kb / 88P
MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC842BSZ62-3 AD-ADUC842BSZ62-3 Datasheet
908Kb / 88P
MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC831 AD-ADUC831_15 Datasheet
1Mb / 76P
MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC841 AD-ADUC841_15 Datasheet
908Kb / 88P
MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
Rev. 0
ADUC842 AD-ADUC842_15 Datasheet
908Kb / 88P
MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
Rev. 0
ADUC843 AD-ADUC843_15 Datasheet
908Kb / 88P
MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com