Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G126GW Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC1G126GW Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC1G126GW
Download  74LVC1G126GW Download
File Size   825.51 Kbytes
Page   21 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Bus buffer/line driver; 3-state

74LVC1G126GW Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G126GW Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC1G126GW
Download  74LVC1G126GW Click to download

File Size   825.51 Kbytes
Page   21 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Bus buffer/line driver; 3-state

74LVC1G126GW Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC1G126GW Product details

General description
The 74LVC1G126 provides one non-inverting buffer/line driver with 3-state output. The
3-state output is controlled by the output enable input (OE). A LOW-level at pin OE
causes the output to assume a high-impedance OFF-state.
The input can be driven from either 3.3 V or 5 V devices. This feature allows the use of
this device in a mixed 3.3 V and 5 V environment.
This device is fully specified for partial power-down applications using IOFF. The IOFF
circuitry disables the output, preventing the damaging backflow current through the device
when it is powered down.
Features and benefits
 Wide supply voltage range from 1.65 V to 5.5 V
 High noise immunity
 Complies with JEDEC standard:
 JESD8-7 (1.65 V to 1.95 V)
 JESD8-5 (2.3 V to 2.7 V)
 JESD8B/JESD36 (2.7 V to 3.6 V)
 24 mA output drive (VCC = 3.0 V)
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 CMOS low power consumption
 Inputs accept voltages up to 5 V
 Latch-up performance exceeds 250 mA
 Direct interface with TTL levels
 Multiple package options
 Specified from 40 C to +85 C and 40 C to +125 C




Similar Part No. - 74LVC1G126GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G126GW PHILIPS-74LVC1G126GW Datasheet
94Kb / 17P
Bus buffer/line driver; 3-state
2004 Sep 21
74LVC1G126GW NXP-74LVC1G126GW Datasheet
90Kb / 16P
Bus buffer/line driver; 3-state
Rev. 07-30 August 2007
74LVC1G126GW NXP-74LVC1G126GW Datasheet
98Kb / 16P
Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
74LVC1G126GW NXP-74LVC1G126GW Datasheet
368Kb / 21P
Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
logo
Nexperia B.V. All right...
74LVC1G126GW NEXPERIA-74LVC1G126GW Datasheet
272Kb / 18P
Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
More results


Similar Description - 74LVC1G126GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
Bus buffer/line driver; 3-state
2002 Jun 06
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
Bus buffer/line driver; 3-state
2004 Sep 15
74LVC1G126 NXP-74LVC1G126_09 Datasheet
98Kb / 16P
Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
74LVC1G126GW.125 NXP-74LVC1G126GW.125 Datasheet
368Kb / 21P
Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125_V01 Datasheet
193Kb / 5P
BUS BUFFER/LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
Bus buffer/line driver; 3-state
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
Bus buffer/line driver; 3-state
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com