Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G14GW Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC1G14GW Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC1G14GW
Download  74LVC1G14GW Download
File Size   246.64 Kbytes
Page   21 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single Schmitt-trigger inverter

74LVC1G14GW Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G14GW Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC1G14GW
Download  74LVC1G14GW Click to download

File Size   246.64 Kbytes
Page   21 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single Schmitt-trigger inverter

74LVC1G14GW Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC1G14GW Product details

General description
The 74LVC1G14 provides the inverting buffer function with Schmitt-trigger input. It is
capable of transforming slowly changing input signals into sharply defined, jitter-free
output signals.
The input can be driven from either 3.3 V or 5 V devices. This feature allows the use of
this device in a mixed 3.3 V and 5 V environment. Schmitt-trigger action at the input
makes the circuit tolerant for slower input rise and fall time.
This device is fully specified for partial power-down applications using IOFF. The IOFF
circuitry disables the output, preventing the damaging backflow current through the device

when it is powered down.
Features and benefits
 Wide supply voltage range from 1.65 V to 5.5 V
 High noise immunity
 Complies with JEDEC standard:
 JESD8-7 (1.65 V to 1.95 V)
 JESD8-5 (2.3 V to 2.7 V)
 JESD8-B/JESD36 (2.7 V to 3.6 V).
 24 mA output drive (VCC = 3.0 V)
 CMOS low power consumption
 Latch-up performance exceeds 250 mA
 Direct interface with TTL levels
 Unlimited rise and fall times
 Input accepts voltages up to 5 V
 Multiple package options
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V.
 Specified from 40 C to +85 C and 40 C to +125 C.

Applications
 Wave and pulse shaper
 Astable multivibrator
 Monostable multivibrator




Similar Part No. - 74LVC1G14GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G14GW PHILIPS-74LVC1G14GW Datasheet
100Kb / 17P
Single Schmitt-trigger inverter
2004 Sep 10
74LVC1G14GW NXP-74LVC1G14GW Datasheet
99Kb / 16P
Single Schmitt-trigger inverter
Rev. 07-18 July 2007
74LVC1G14GW PHILIPS-74LVC1G14GW Datasheet
368Kb / 20P
Single Schmitt-trigger inverter
Rev. 12-6 August 2012
logo
Nexperia B.V. All right...
74LVC1G14GW NEXPERIA-74LVC1G14GW Datasheet
290Kb / 19P
Single Schmitt-trigger inverter
Rev. 17 - 20 January 2022
74LVC1G14GW NEXPERIA-74LVC1G14GW Datasheet
318Kb / 20P
Single Schmitt-trigger inverter
Rev. 19.1 3 September 2024
More results


Similar Description - 74LVC1G14GW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
320Kb / 13P
SINGLE SCHMITT TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
100Kb / 17P
Single Schmitt-trigger inverter
2004 Sep 10
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
Single Schmitt-trigger inverter
Rev. 07-18 July 2007
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
NXP Semiconductors
74LVC1G14GW.125 NXP-74LVC1G14GW.125 Datasheet
368Kb / 20P
Single Schmitt-trigger inverter
Rev. 12-6 August 2012
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
SINGLE SCHMITT-TRIGGER INVERTER
logo
Texas Instruments
SN74LVC1G14 TI1-SN74LVC1G14_15 Datasheet
1Mb / 27P
Single Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74LVC1G14 UTC-U74LVC1G14_V01 Datasheet
181Kb / 5P
SINGLE SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74AHC1G14Q DIODES-74AHC1G14Q Datasheet
662Kb / 9P
SINGLE SCHMITT-TRIGGER INVERTER
March 2022 Rev. 2 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com