Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G53DC Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC1G53DC Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC1G53DC
Download  74LVC1G53DC Download
File Size   324.78 Kbytes
Page   27 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-channel analog multiplexer/demultiplexer

74LVC1G53DC Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G53DC Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC1G53DC
Download  74LVC1G53DC Click to download

File Size   324.78 Kbytes
Page   27 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-channel analog multiplexer/demultiplexer

74LVC1G53DC Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC1G53DC Product details

General description
The 74LVC1G53 is a low-power, low-voltage, high-speed, Si-gate CMOS device.
The 74LVC1G53 provides one analog multiplexer/demultiplexer with a digital select
input (S), two independent inputs/outputs (Y0 and Y1), a common input/output (Z) and an
active LOW enable input (E). When pin E is HIGH, the switch is turned off.
Schmitt trigger action at the select and enable inputs makes the circuit tolerant of slower
input rise and fall times across the entire VCC range from 1.65 V to 5.5 V.
Features and benefits
 Wide supply voltage range from 1.65 V to 5.5 V
 Very low ON resistance:
 7.5  (typical) at VCC = 2.7 V
 6.5  (typical) at VCC = 3.3 V
 6  (typical) at VCC = 5 V
 Switch current capability of 32 mA
 High noise immunity
 CMOS low power consumption
 TTL interface compatibility at 3.3 V
 Latch-up performance meets requirements of JESD 78 Class I
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 CDM JESD22-C101E exceeds 1000 V
 Control inputs accept voltages up to 5 V
 Multiple package options
 Specified from 40 C to +85 C and from 40 C to +125 C




Similar Part No. - 74LVC1G53DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G53DC PHILIPS-74LVC1G53DC Datasheet
128Kb / 23P
2-channel analog multiplexer/demultiplexer
Rev. 01-10 January 2006
74LVC1G53DC NXP-74LVC1G53DC Datasheet
130Kb / 22P
2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
74LVC1G53DC NXP-74LVC1G53DC Datasheet
144Kb / 23P
2-channel analog multiplexer/demultiplexer
Rev. 05-11 June 2008
logo
Nexperia B.V. All right...
74LVC1G53DC NEXPERIA-74LVC1G53DC Datasheet
338Kb / 23P
2-channel analog multiplexer/demultiplexer
Rev. 12 - 20 July 2021
74LVC1G53DC-Q100 NEXPERIA-74LVC1G53DC-Q100 Datasheet
282Kb / 19P
2-channel analog multiplexer/demultiplexer
More results


Similar Description - 74LVC1G53DC

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G3157 PHILIPS-74LVC1G3157 Datasheet
133Kb / 22P
2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Rev. 01-7 February 2005
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
2-channel Analog Multiplexer / Demultiplexer
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LVC2G53 PHILIPS-74LVC2G53 Datasheet
139Kb / 24P
2-channel analog multiplexer/demultiplexer
Rev. 02-31 March 2006
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
2-channel Analog Multiplexer/Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
2-channel Analog Multiplexer / Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Nexperia B.V. All right...
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
2-channel analog multiplexer/demultiplexer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com