Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G34GF Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC1G34GF Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC1G34GF
Download  74LVC1G34GF Download
File Size   591.46 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single buffer

74LVC1G34GF Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G34GF Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC1G34GF
Download  74LVC1G34GF Click to download

File Size   591.46 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single buffer

74LVC1G34GF Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC1G34GF Product details

General description
The 74LVC1G34 provides a low-power, low-voltage single buffer.
The input can be driven from either 3.3 V or 5 V devices. This feature allows the use of
this device in a mixed 3.3 V and 5 V environment.
This device is fully specified for partial power-down applications using IOFF. The IOFF
circuitry disables the output, preventing the damaging backflow current through the device
when it is powered down.
Schmitt trigger action at all inputs makes the circuit highly tolerant of slower input rise and
fall times.
Features and benefits
 Wide supply voltage range from 1.65 V to 5.5 V
 5 V tolerant inputs for interfacing with 5 V logic
 High noise immunity
 Complies with JEDEC standard:
 JESD8-7 (1.65 V to 1.95 V)
 JESD8-5 (2.3 V to 2.7 V)
 JESD8-B/JESD36 (2.7 V to 3.6 V).
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 24 mA output drive (VCC = 3.0 V)
 CMOS low power consumption
 Latch-up performance exceeds 250 mA
 Direct interface with TTL levels
 Inputs accept voltages up to 5 V
 Multiple package options
 Specified from 40 C to +85 C and 40 C to +125 C




Similar Part No. - 74LVC1G34GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G34GF NXP-74LVC1G34GF Datasheet
82Kb / 15P
Single buffer
Rev. 02-21 May 2007
More results


Similar Description - 74LVC1G34GF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G70 STMICROELECTRONICS-74V1G70 Datasheet
48Kb / 7P
SINGLE BUFFER
Oct-1999
74V1T70 STMICROELECTRONICS-74V1T70 Datasheet
47Kb / 7P
SINGLE BUFFER
Oct-1999
74V1G70 STMICROELECTRONICS-74V1G70_04 Datasheet
108Kb / 9P
SINGLE BUFFER
Apr-2004
logo
NXP Semiconductors
74LVC1G34 NXP-74LVC1G34 Datasheet
82Kb / 15P
Single buffer
Rev. 02-21 May 2007
logo
ON Semiconductor
NL17SG34 ONSEMI-NL17SG34 Datasheet
107Kb / 6P
Single Buffer
August, 2012 ??Rev. 1
NL17SG34 ONSEMI-NL17SG34_14 Datasheet
143Kb / 10P
Single Buffer
March, 2014 ??Rev. 4
logo
Nexperia B.V. All right...
74LVC1G16 NEXPERIA-74LVC1G16 Datasheet
753Kb / 14P
Single buffer
74LVC1G34-Q100 NEXPERIA-74LVC1G34-Q100 Datasheet
780Kb / 13P
Single buffer
logo
ON Semiconductor
NL17SV16 ONSEMI-NL17SV16_V01 Datasheet
337Kb / 14P
Single Buffer
February, 2021 - Rev. 7
logo
Nexperia B.V. All right...
74LVC1G16-Q100 NEXPERIA-74LVC1G16-Q100 Datasheet
198Kb / 11P
Single buffer
Rev. 2 - 17 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com