Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G57GF Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC1G57GF Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC1G57GF
Download  74LVC1G57GF Download
File Size   245.55 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power configurable multiple function gate

74LVC1G57GF Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G57GF Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC1G57GF
Download  74LVC1G57GF Click to download

File Size   245.55 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power configurable multiple function gate

74LVC1G57GF Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC1G57GF Product details

General description
The 74LVC1G57 provides configurable multiple functions. The output state is determined
by eight patterns of 3-bit input. The user can choose the logic functions AND, OR, NAND,
NOR, XNOR, inverter and buffer. All inputs can be connected to VCC or GND.
Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of this
device in a mixed 3.3 V and 5 V environment.
This device is fully specified for partial power-down applications using IOFF.
The IOFF circuitry disables the output, preventing the damaging backflow current through
the device when it is powered down.
All inputs (A, B and C) are Schmitt trigger inputs. They are capable of transforming slowly
changing input signals into sharply defined, jitter-free output signals.
Features and benefits
 Wide supply voltage range from 1.65 V to 5.5 V
 5 V tolerant input/output for interfacing with 5 V logic
 High noise immunity
 Complies with JEDEC standard:
 JESD8-7 (1.65 V to 1.95 V)
 JESD8-5 (2.3 V to 2.7 V)
 JESD8B/JESD36 (2.7 V to 3.6 V).
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 24 mA output drive (VCC = 3.0 V)
 CMOS low power consumption
 Latch-up performance exceeds 250 mA
 Direct interface with TTL levels
 Inputs accept voltages up to 5 V
 Multiple package options




Similar Part No. - 74LVC1G57GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G57GF NXP-74LVC1G57GF Datasheet
103Kb / 17P
Low-power configurable multiple function gate
Rev. 03-19 July 2007
logo
Nexperia B.V. All right...
74LVC1G57GF NEXPERIA-74LVC1G57GF Datasheet
851Kb / 20P
Low-power configurable multiple function gate
Rev. 8 7 December 2016
More results


Similar Description - 74LVC1G57GF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
Low-power configurable multiple function gate
Rev. 6-10 January 2011
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
Low-power configurable multiple function gate
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
Low-power configurable multiple function gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com