Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G66GV Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC1G66GV Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC1G66GV
Download  74LVC1G66GV Download
File Size   342.08 Kbytes
Page   23 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Bilateral switch

74LVC1G66GV Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G66GV Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC1G66GV
Download  74LVC1G66GV Click to download

File Size   342.08 Kbytes
Page   23 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Bilateral switch

74LVC1G66GV Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC1G66GV Product details

General description
The 74LVC1G66 is a single-pole, single-throw analog switch with two input/output terminals (nY
and nZ) and a digital enable input (nE). When nE is LOW, the analog switch is turned off. Control
inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of these devices
as translators in mixed 3.3 V and 5 V environments.
Schmitt-trigger action at control inputs makes the circuit tolerant of slower input rise and fall times.
Features and benefits
• Wide supply voltage range from 1.65 V to 5.5 V
• Very low ON resistance:
• 7.5 Ω (typical) at VCC = 2.7 V
• 6.5 Ω (typical) at VCC = 3.3 V
• 6 Ω (typical) at VCC = 5 V
• Switch current capability of 32 mA
• High noise immunity
• CMOS low power consumption
• TTL interface compatibility at 3.3 V
• Overvoltage tolerant control inputs to 5.5 V
• Latch-up performance meets requirements of JESD78 Class I
• ESD protection:
• HBM: ANSI/ESDA/JEDEC JS-001 class 2 exceeds 2000 V
• CDM: ANSI/ESDA/JEDEC JS-002 class C3 exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74LVC1G66GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G66GV PHILIPS-74LVC1G66GV Datasheet
151Kb / 22P
Bilateral switch
2004 Apr 13
74LVC1G66GV NXP-74LVC1G66GV Datasheet
126Kb / 22P
Bilateral switch
Rev. 06-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G66GV NEXPERIA-74LVC1G66GV Datasheet
316Kb / 21P
Bilateral switch
Rev. 12 - 12 January 2022
74LVC1G66GV NEXPERIA-74LVC1G66GV Datasheet
303Kb / 25P
Bilateral switch
Rev. 10 7 December 2016
74LVC1G66GV-Q100 NEXPERIA-74LVC1G66GV-Q100 Datasheet
897Kb / 21P
Bilateral switch
More results


Similar Description - 74LVC1G66GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G66 PHILIPS-74HC1G66 Datasheet
102Kb / 20P
Bilateral switch
2002 May 15
74LVC1G66 PHILIPS-74LVC1G66 Datasheet
151Kb / 22P
Bilateral switch
2004 Apr 13
logo
Toshiba Semiconductor
TC4S66F TOSHIBA-TC4S66F Datasheet
231Kb / 6P
BILATERAL SWITCH
TC7S66F TOSHIBA-TC7S66F Datasheet
244Kb / 6P
BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66 Datasheet
134Kb / 23P
Bilateral switch
Rev. 02-28 August 2007
74LVC2G66 NXP-74LVC2G66_10 Datasheet
752Kb / 26P
Bilateral switch
Rev. 5-16 June 2010
logo
Unisonic Technologies
U74AHC1G66 UTC-U74AHC1G66_09 Datasheet
214Kb / 8P
BILATERAL SWITCH
U74AHCT1G66 UTC-U74AHCT1G66 Datasheet
159Kb / 7P
BILATERAL SWITCH
U74HC1G66 UTC-U74HC1G66 Datasheet
201Kb / 6P
BILATERAL SWITCH
logo
Nexperia B.V. All right...
74LVC1G66 NEXPERIA-74LVC1G66 Datasheet
316Kb / 21P
Bilateral switch
Rev. 12 - 12 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com