Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1595 Datasheet (PDF) - Hammond Manufacturing Ltd.

1595 Datasheet PDF - Hammond Manufacturing Ltd.
Part # 1595
Download  1595 Download
File Size   209.84 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Plastic Console Enclosures 1595 Series ABS Plastic Body w/ Aluminum Cover Plate

1595 Datasheet (PDF)

Go To PDF Page Download Datasheet
1595 Datasheet PDF - Hammond Manufacturing Ltd.

Part # 1595
Download  1595 Click to download

File Size   209.84 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Plastic Console Enclosures 1595 Series ABS Plastic Body w/ Aluminum Cover Plate

1595 Datasheet (HTML) - Hammond Manufacturing Ltd.


1595 Product details

Features:
Desk top electronic instrument enclosure, ideally suited for mounting printed circuit
boards.
Molded from flame retardant ABS plastic (material carries a UL flammability rating of 94V-
0).
Two piece construction. Integral card guides accept 1.5 mm (0.062”) P.C. cards. 0.20”
diameter stand off bosses in the base for supporting various subassemblies.
Integral brass bushings with four M3 x 0.5” x 8 mm (0.31”) Phillips pan head screws hold
recessed panel into sloping front of case.
1.01 mm (0.04”) aluminum panel with paper on one side.
Four self-adhesive feet included.
Stocked in black and grey.




Similar Part No. - 1595

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1595 HAMMOND-1595 Datasheet
216Kb / 2P
Plastic Console Enclosures 1595 Series ABS Plastic Body w/ Aluminum Cover Plate
6/19/2018
logo
List of Unclassifed Man...
1595-1 ETC2-1595-1 Datasheet
439Kb / 1P
TURRET TERMINALS
1595-2 ETC2-1595-2 Datasheet
439Kb / 1P
TURRET TERMINALS
1595-3 ETC2-1595-3 Datasheet
439Kb / 1P
TURRET TERMINALS
logo
Festo Corporation.
159500 FESTO-159500 Datasheet
84Kb / 1P
Precision pressure regulator
3/23/22
More results


Similar Description - 1595

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RS5305S HAMMOND-RS5305S Datasheet
155Kb / 2P
RITEC - Sealed - ABS Plastic Enclosures
logo
ORION FANS
GRM40 ORIONFANS-GRM40 Datasheet
416Kb / 1P
Plastic - reinforced ABS
GRM60 ORIONFANS-GRM60 Datasheet
463Kb / 1P
Plastic - reinforced ABS
GRM80 ORIONFANS-GRM80 Datasheet
450Kb / 1P
Plastic - reinforced ABS
GRM92 ORIONFANS-GRM92 Datasheet
449Kb / 1P
Plastic - reinforced ABS
GRM120 ORIONFANS-GRM120 Datasheet
449Kb / 1P
Plastic - reinforced ABS
GRM172 ORIONFANS-GRM172 Datasheet
460Kb / 1P
Plastic - reinforced ABS
logo
HARTING Technology Grou...
09-20-032-5408 HARTING-09-20-032-5408 Datasheet
465Kb / 2P
Han 32A-Cover w. cord (Plastic)
logo
Bud Industries, Inc.
PTR-28483 BUD-PTR-28483 Datasheet
135Kb / 1P
PTR SERIES - ABS ALL PLASTIC
9/27/2022
PTR-28487 BUD-PTR-28487 Datasheet
107Kb / 1P
PTR SERIES - ABS ALL PLASTIC
9/27/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com