Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BRS Datasheet (PDF) - Hammond Manufacturing Ltd.

BRS Datasheet PDF - Hammond Manufacturing Ltd.
Part # BRS
Download  BRS Download
File Size   137.89 Kbytes
Page   1 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Two Post Heavy Duty Battery Shelf BRS Series 550 lbs Weight Capacity

BRS Datasheet (PDF)

Go To PDF Page Download Datasheet
BRS Datasheet PDF - Hammond Manufacturing Ltd.

Part # BRS
Download  BRS Click to download

File Size   137.89 Kbytes
Page   1 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Two Post Heavy Duty Battery Shelf BRS Series 550 lbs Weight Capacity

BRS Datasheet (HTML) - Hammond Manufacturing Ltd.


BRS Product details

Features
Designed for use with our Heavy Duty DNRR and DRZ4 double-tapped two (2) post
racks.
Constructed of heavy duty 12 gauge steel.
Use to support heavy chassis or batteries for DC battery array.
Choice of 19" or 24" deep.
Front & rear lip folded and welded for extra strength and liquid retainer.
For a similar design that is light duty and vented, see the DNRM Series.
Finished in a rugged textured black powder paint finish.
Tested to nearly double the suggested load rating of 550 lbs.
TAA Compliant
RoHS and REACH compliant.
Manufactured in North America.




Similar Part No. - BRS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BRS TI-BRS Datasheet
995Kb / 26P
LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
logo
Isabellenhütte Heu...
BRS ISABELLENHUETTE-BRS Datasheet
897Kb / 5P
PRECISION RESISTORS
BRS-A-R025 ISABELLENHUETTE-BRS-A-R025 Datasheet
897Kb / 5P
PRECISION RESISTORS
BRS-M-R003 ISABELLENHUETTE-BRS-M-R003 Datasheet
897Kb / 5P
PRECISION RESISTORS
BRS-N-R010 ISABELLENHUETTE-BRS-N-R010 Datasheet
897Kb / 5P
PRECISION RESISTORS
More results


Similar Description - BRS

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC738 PICKER-PC738 Datasheet
248Kb / 3P
Two Pole Heavy Duty Power Relay
logo
Molex Electronics Ltd.
1301750008 MOLEX11-1301750008 Datasheet
461Kb / 3P
Aero-Motive Heavy Duty Retractors, Weight Range 8-15 lbs with Ratchet Lock
1301750006 MOLEX11-1301750006 Datasheet
407Kb / 3P
Aero-Motive Heavy Duty Retractors, Weight Range 8-15 lbs
logo
Tripp Lite. All Rights ...
SRSHELF4PHD TRIPPLITE-SRSHELF4PHD Datasheet
473Kb / 2P
SmartRack Heavy-Duty Fixed Shelf (250 lb/113 kg capacity; 26 in/660 mm depth)
SRSHELF4PSLHD TRIPPLITE-SRSHELF4PSLHD Datasheet
477Kb / 2P
SmartRack Heavy-Duty Sliding Shelf (200 lb/91 kg capacity; 26 in/660 mm depth.)
UPSHDEARKIT TRIPPLITE-UPSHDEARKIT Datasheet
470Kb / 2P
Heavy-Duty 2-post Front Mounting Ear Kit
logo
Molex Electronics Ltd.
130175-0019 MOLEX11-130175-0019 Datasheet
28Kb / 1P
Aero-Motive Heavy Duty Retractors, Weight Range 0.5-2.3kg
130175-0050 MOLEX11-130175-0050 Datasheet
28Kb / 1P
Aero-Motive Heavy Duty Retractors, Weight Range 3.6-10.0kg
1301750005 MOLEX11-1301750005 Datasheet
39Kb / 1P
Aero-Motive Heavy Duty Retractors, Weight Range 1.8-4.5kg
1301750019 MOLEX11-1301750019 Datasheet
28Kb / 1P
Aero-Motive Heavy Duty Retractors, Weight Range 0.5-2.3kg
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com