Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNFC Datasheet (PDF) - Hammond Manufacturing Ltd.

DNFC Datasheet PDF - Hammond Manufacturing Ltd.
Part # DNFC
Download  DNFC Download
File Size   54.98 Kbytes
Page   1 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Fan Cords DNFC Series

DNFC Datasheet (PDF)

Go To PDF Page Download Datasheet
DNFC Datasheet PDF - Hammond Manufacturing Ltd.

Part # DNFC
Download  DNFC Click to download

File Size   54.98 Kbytes
Page   1 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Fan Cords DNFC Series

DNFC Datasheet (HTML) - Hammond Manufacturing Ltd.


DNFC Product details

Features
For wiring of tubeaxial fans (above)
Molded female standard fan plug (0.91" x 0.68")
SPT-1 x 18/2 type wire cord, rated 300V and 105 degrees C
See tables below for detailed descriptions




Similar Part No. - DNFC

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
DNFC HAMMOND-DNFC Datasheet
77Kb / 1P
CORDONS DALIMENTATION POUR VENTILATEURS
DNFC48P HAMMOND-DNFC48P Datasheet
77Kb / 1P
CORDONS DALIMENTATION POUR VENTILATEURS
DNFC48P HAMMOND-DNFC48P Datasheet
185Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
DNFC72P HAMMOND-DNFC72P Datasheet
77Kb / 1P
CORDONS DALIMENTATION POUR VENTILATEURS
DNFC72P HAMMOND-DNFC72P Datasheet
188Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results


Similar Description - DNFC

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
72920 POMONA-72920 Datasheet
129Kb / 1P
2mm SAFETY Sheathed Patch Cords
logo
Qualtek Electronics Cor...
H03VVD3HU3G100 QUALTEK-H03VVD3HU3G100 Datasheet
341Kb / 1P
International Power Cords
logo
Hammond Manufacturing L...
1584C HAMMOND-1584C Datasheet
62Kb / 1P
Replacement Power Cords
logo
Alpha Wire
601B ALPHAWIRE-601B Datasheet
84Kb / 2P
125 V Jumper Cords
logo
List of Unclassifed Man...
NPC-1803 ETC2-NPC-1803 Datasheet
170Kb / 1P
Snagless cat5e patch cords
logo
PANDUIT CORP.
UTPCH3Y PANDUIT-UTPCH3Y Datasheet
206Kb / 1P
TX5e UTP Patch Cords
logo
Bel Fuse Inc.
CA81-020M-01 BEL-CA81-020M-01 Datasheet
506Kb / 1P
Category 8.1 Patch Cords
logo
Bertech.
CGC151M BERTECH-CGC151M Datasheet
107Kb / 1P
Common Point Ground Cords
FGC151M BERTECH-FGC151M Datasheet
109Kb / 1P
Low Profile Ground Cords
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com