Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDF1935SBK1 Datasheet (PDF) - Hammond Manufacturing Ltd.

CDF1935SBK1 Datasheet PDF - Hammond Manufacturing Ltd.
Part # CDF1935SBK1
Download  CDF1935SBK1 Download
File Size   137.71 Kbytes
Page   4 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Modular Equipment Storage Rack Cabinet C2 Series 1,500 lbs Weight Capacity

CDF1935SBK1 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDF1935SBK1 Datasheet PDF - Hammond Manufacturing Ltd.

Part # CDF1935SBK1
Download  CDF1935SBK1 Click to download

File Size   137.71 Kbytes
Page   4 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Modular Equipment Storage Rack Cabinet C2 Series 1,500 lbs Weight Capacity

CDF1935SBK1 Datasheet (HTML) - Hammond Manufacturing Ltd.


CDF1935SBK1 Product details

Features
Constructed in:
14-gauge steel (body)
16-gauge steel (doors and side panels)
10-gauge steel (tapped mounting rails)
12-gauge steel (square hole mounting rails)
Optional EIA-310-D compliant 10-32 tapped or square hole punched rails
with permanent rack unit labels.
Optional tops panel include
Solid
Vented
Fan cutous
Pre-installed fan(s) capable of up to 550 CFM




Similar Part No. - CDF1935SBK1

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
CDF107F-A0-022 TOKO-CDF107F-A0-022 Datasheet
117Kb / 1P
FM Ceramic Discriminator
CDF107F-AE-022 TOKO-CDF107F-AE-022 Datasheet
74Kb / 1P
FM CERAMIC DISCRIMINATOR
More results


Similar Description - CDF1935SBK1

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CD-1525 PANDUIT-CD-1525 Datasheet
270Kb / 1P
TOOL WEIGHT: 1.70 lbs./ 0.77 Kg
logo
NEC
R120D-2ES NEC-R120D-2ES Datasheet
928Kb / 2P
The high-capacity rack server NEC Express5800/R120d-2E(Storage-Rich)
logo
Bud Industries, Inc.
ER-16602 BUD-ER-16602 Datasheet
129Kb / 1P
ECONOMIZER CABINET RACK
ER-16502 BUD-ER-16502 Datasheet
104Kb / 1P
ECONOMIZER CABINET RACK
DC-8010 BUD-DC-8010 Datasheet
105Kb / 1P
EQUPMENT CABINET RACK
E-2000 BUD-E-2000 Datasheet
104Kb / 1P
SERIES 2000 UPRIGHT CABINET RACK
60-2300 BUD-60-2300 Datasheet
100Kb / 1P
SERIES 60 UPRIGHT CABINET RACK
30-2300 BUD-30-2300 Datasheet
86Kb / 1P
SERIES 30 UPRIGHT CABINET RACK
E30-2000 BUD-E30-2000 Datasheet
89Kb / 1P
SERIES 30-2000 UPRIGHT CABINET RACK
logo
Toshiba Semiconductor
MQ03ABBXXX TOSHIBA-MQ03ABBXXX Datasheet
93Kb / 2P
LARGE CAPACITY HDD FOR EXTERNAL STORAGE
Rev. 00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com