Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA540B Datasheet (PDF) - STMicroelectronics

SMA540B Datasheet PDF - STMicroelectronics
Part # SMA540B
Download  SMA540B Download
File Size   32.41 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Active Biased RF Transistor

SMA540B Datasheet (PDF)

Go To PDF Page Download Datasheet
SMA540B Datasheet PDF - STMicroelectronics

Part # SMA540B
Download  SMA540B Click to download

File Size   32.41 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Active Biased RF Transistor

SMA540B Datasheet (HTML) - STMicroelectronics


SMA540B Product details

DESCRIPTION
The SMA540B is a NPN Transistor integrating a current mirror as biasing. In this way the IC (collector current) can be controlled setting the current at Bias pin according to IC = 10 * IBIAS. The IBIAS current is easy adjustable using an external resistor. SMA540B is housed in ultra miniature SOT323-4L package(LEAD FREE), the relative dimensions are 1.15mmx1.8mm with 0.8mm thickness.

• HIGH GAIN LOW NOISE AMPLIFIERS Gms = 19 dB at 1.8 GHz
• CURRENT EASY ADJUSTABLE BY AN EXTERNAL RESISTOR
• OPEN COLLECTOR OUTPUT
• TYPICAL SUPPLY VOLTAGE: 1.4-3.3 V
• TRANSITION FREQUENCY 42 GHz
• ULTRA MINIATURE SOT323-4L PACKAGE (LEAD FREE)

APPLICATIONS
• WIDEBAND APPLICATIONS
• CELLULAR AND CORDLESS TELEPHONES
• HIGH FREQUENCY OSCILLATORS




Similar Part No. - SMA540B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA54 MACOM-SMA54 Datasheet
104Kb / 1P
5 TO 500 MHz CASCADABLE AMPLIFIER
SMA54 MACOM-SMA54 Datasheet
378Kb / 2P
Cascadable Amplifier 5 to 500 MHz
logo
MIC GROUP RECTIFIERS
SMA54 MIC-SMA54 Datasheet
65Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
M/A-COM Technology Solu...
SMA54 MA-COM-SMA54 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
SMA54 MA-COM-SMA54 Datasheet
643Kb / 3P
Cascadable Amplifier 5 to 500 MHz
More results


Similar Description - SMA540B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGB420 INFINEON-BGB420 Datasheet
477Kb / 10P
Active Biased Transistor
2001-08-10
BGB540 INFINEON-BGB540 Datasheet
129Kb / 10P
Active Biased RF Transistor
2002-09-11
logo
Analog Devices
ADA4302-4 AD-ADA4302-4 Datasheet
70Kb / 2P
Active RF Splitter
ADA4302-4 AD-ADA4302-4_05 Datasheet
230Kb / 12P
Active RF Splitter
9/05-Rev. SpA to Rev. B
logo
Diodes Incorporated
DCX124EK DIODES-DCX124EK_2 Datasheet
380Kb / 12P
DUAL COMPLEMENTARY PRE-BIASED TRANSISTOR
DS30350 Rev. 6 - 2
DDC144NS DIODES-DDC144NS_1 Datasheet
278Kb / 4P
DUAL NPN PRE-BIASED TRANSISTOR
DS30747 Rev. 6 - 2
UMG4N DIODES-UMG4N Datasheet
229Kb / 3P
DUAL NPN PRE-BIASED TRANSISTOR
DS31207 Rev. 3 - 2
DCX124EK-7-F DIODES-DCX124EK-7-F Datasheet
380Kb / 12P
DUAL COMPLEMENTARY PRE-BIASED TRANSISTOR
Rev 6
logo
Analog Devices
ADA4302-4 AD-ADA4302-4_15 Datasheet
231Kb / 12P
Active RF Splitter
REV. B
logo
Diodes Incorporated
DDTACA DIODES-DDTACA Datasheet
307Kb / 5P
PNP PRE-BIASED TRANSISTOR IN SOT23
Rev. 7 - 2 June 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com