Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP28XMIG Datasheet (PDF) - PANDUIT CORP.

STP28XMIG Datasheet PDF - PANDUIT CORP.
Part # STP28XMIG
Download  STP28XMIG Download
File Size   95.24 Kbytes
Page   2 Pages
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.
Description Category 6A Performance 28 AWG Shielded Patch Cords

STP28XMIG Datasheet (PDF)

Go To PDF Page Download Datasheet
STP28XMIG Datasheet PDF - PANDUIT CORP.

Part # STP28XMIG
Download  STP28XMIG Click to download

File Size   95.24 Kbytes
Page   2 Pages
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.
Description Category 6A Performance 28 AWG Shielded Patch Cords

STP28XMIG Datasheet (HTML) - PANDUIT CORP.


STP28XMIG Product details

Category 6A/Class EA, F/UTP, small diameter patch cords are constructed
of 28 AWG, shielded, twisted pair, solid copper (dual-rated CM/LSZH) cable
with high performance RJ45 modular plugs. Patch cords are offered in
multiple lengths and colors for design flexibility.




Similar Part No. - STP28XMIG

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
STP28X PANDUIT-STP28X Datasheet
2Mb / 2P
Keystone Shielded Solution – EMEA
1/2021
More results


Similar Description - STP28XMIG

ManufacturerPart #DatasheetDescription
logo
3M Electronics
VOL-6ASFL-L1 3M-VOL-6ASFL-L1 Datasheet
149Kb / 2P
Category 6A S/FTP RJ45 Patch Cables
25-Mar-2010
logo
List of Unclassifed Man...
NPC-1803 ETC2-NPC-1803 Datasheet
170Kb / 1P
Snagless cat5e patch cords
logo
PANDUIT CORP.
UTPCH3Y PANDUIT-UTPCH3Y Datasheet
206Kb / 1P
TX5e UTP Patch Cords
SPS6X88-C PANDUIT-SPS6X88-C Datasheet
120Kb / 2P
TX6A Category 6A Shielded Modular Plug
logo
Hubbell Incorporated.
HJS6AGY HUBBELL-HJS6AGY Datasheet
305Kb / 1P
Category 6A Shielded Jack with Cobra-Lock?
SJ6A HUBBELL-SJ6A Datasheet
304Kb / 1P
Ascent Category 6A Shielded Jack
SJ6A24 HUBBELL-SJ6A24 Datasheet
305Kb / 1P
Ascent Category 6A Shielded Jack
logo
Bel Fuse Inc.
CA81-020M-01 BEL-CA81-020M-01 Datasheet
506Kb / 1P
Category 8.1 Patch Cords
SS-77100-015 BEL-SS-77100-015 Datasheet
1Mb / 2P
Category 8.2 Series Cable Jacks and Patch Cords
logo
PANDUIT CORP.
UTP28CH25BL PANDUIT-UTP28CH25BL Datasheet
820Kb / 2P
Category 5e Performance SD UTP Patch Cords
4/2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com