Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1384-SOT-89 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SC1384-SOT-89 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SC1384-SOT-89
Download  2SC1384-SOT-89 Download
File Size   275.85 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description NPN Power Transistor

2SC1384-SOT-89 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC1384-SOT-89 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SC1384-SOT-89
Download  2SC1384-SOT-89 Click to download

File Size   275.85 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description NPN Power Transistor

2SC1384-SOT-89 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SC1384-SOT-89 Product details

DESCRIPTION
· Collector-Emitter Breakdown Voltage
-V(BR)CEO= 50V(Min)
· Collector-Emitter Saturation Voltage
-VCE(sat):0.4V(Max) @IC=500mA
· Complementary to 2SA684
APPLICATIONS
· Low-frequency power amplification
· Driver amplification




Similar Part No. - 2SC1384-SOT-89

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
2SC1384-TA DGNJDZ-2SC1384-TA Datasheet
2Mb / 4P
TO-92L Plastic-Encapsulate Transistors
logo
Unisonic Technologies
2SC1384-X-AB3-R UTC-2SC1384-X-AB3-R Datasheet
251Kb / 5P
NPN SILICON TRANSISTOR
2SC1384-X-T9N-B UTC-2SC1384-X-T9N-B Datasheet
251Kb / 5P
NPN SILICON TRANSISTOR
2SC1384-X-T9N-K UTC-2SC1384-X-T9N-K Datasheet
251Kb / 5P
NPN SILICON TRANSISTOR
2SC1384-X-T9N-R UTC-2SC1384-X-T9N-R Datasheet
251Kb / 5P
NPN SILICON TRANSISTOR
More results


Similar Description - 2SC1384-SOT-89

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BD131 PHILIPS-BD131 Datasheet
43Kb / 8P
NPN power transistor
1999 Apr 12
logo
TRANSYS Electronics Lim...
2N3055HV TEL-2N3055HV Datasheet
201Kb / 3P
NPN POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6530 NJSEMI-2N6530 Datasheet
81Kb / 2P
NPN POWER TRANSISTOR
logo
NXP Semiconductors
BUJ303CD PHILIPS-BUJ303CD_15 Datasheet
205Kb / 13P
NPN power transistor
8 November 2012
BUJ303AD PHILIPS-BUJ303AD_15 Datasheet
199Kb / 14P
NPN power transistor
Rev. 1-2 September 2011
BUJ303A PHILIPS-BUJ303A_15 Datasheet
565Kb / 13P
NPN power transistor
Rev. 6-8 February 2012
logo
Unisonic Technologies
2SD1782 UTC-2SD1782_15 Datasheet
125Kb / 3P
POWER NPN TRANSISTOR
logo
WeEn Semiconductors
BUJ302AX WEEN-BUJ302AX Datasheet
794Kb / 12P
NPN power transistor
PHE13003C WEEN-PHE13003C Datasheet
270Kb / 11P
NPN power transistor
TB100 WEEN-TB100 Datasheet
254Kb / 10P
NPN power transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com