Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ181S Datasheet (PDF) - Inchange Semiconductor Company Limited

2SJ181S Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SJ181S
Download  2SJ181S Download
File Size   306.71 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc P-Channel MOSFET Transistor

2SJ181S Datasheet (PDF)

Go To PDF Page Download Datasheet
2SJ181S Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SJ181S
Download  2SJ181S Click to download

File Size   306.71 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc P-Channel MOSFET Transistor

2SJ181S Datasheet (HTML) - Inchange Semiconductor Company Limited


2SJ181S Product details

FEATURES
·Drain Current -ID= -0.5A@ TC=25℃
·Drain Source Voltage -VDSS= -600V(Min)
·Static Drain-Source On-Resistance
-RDS(on) = 25Ω(Max)@VGS= -10V
DESCRIPTION
·DC-to-DC Converter
·General Industrial Applications
·Power Motor Control .




Similar Part No. - 2SJ181S

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ181S HITACHI-2SJ181S Datasheet
46Kb / 10P
Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181S RENESAS-2SJ181S Datasheet
87Kb / 8P
Silicon P Channel MOS FET
logo
Guangdong Kexin Industr...
2SJ181S KEXIN-2SJ181S Datasheet
45Kb / 2P
P-Channel MOS FET For High-Speed Switching
logo
Renesas Technology Corp
2SJ181STL-E RENESAS-2SJ181STL-E Datasheet
87Kb / 8P
Silicon P Channel MOS FET
2SJ181STR-E RENESAS-2SJ181STR-E Datasheet
121Kb / 7P
Silicon P Channel MOS FET
More results


Similar Description - 2SJ181S

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCC1833 ISC-ISCC1833 Datasheet
389Kb / 2P
isc P-Channel MOSFET Transistor
FX20KMJ-2 ISC-FX20KMJ-2 Datasheet
315Kb / 2P
Isc P-Channel MOSFET Transistor
ISCPL45D ISC-ISCPL45D Datasheet
316Kb / 2P
isc P-Channel MOSFET Transistor
SUD50P06-15 ISC-SUD50P06-15 Datasheet
267Kb / 2P
Isc P-Channel MOSFET Transistor
AOD403 ISC-AOD403 Datasheet
377Kb / 2P
Isc P-Channel MOSFET Transistor
DMP3028LK3 ISC-DMP3028LK3 Datasheet
309Kb / 2P
isc P-Channel MOSFET Transistor
DMP4015SK3 ISC-DMP4015SK3 Datasheet
310Kb / 2P
isc P-Channel MOSFET Transistor
DMP4051LK3 ISC-DMP4051LK3 Datasheet
310Kb / 2P
isc P-Channel MOSFET Transistor
ISCNL266D ISC-ISCNL266D Datasheet
271Kb / 2P
isc P-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com