Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM430 Datasheet (PDF) - Analog Devices

ADUCM430 Datasheet PDF - Analog Devices
Part # ADUCM430
Download  ADUCM430 Download
File Size   93.75 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Analog Microcontroller, 12-Bit Analog Input and Output with PMIC and TECC, Arm Cortex-M3

ADUCM430 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUCM430 Datasheet PDF - Analog Devices

Part # ADUCM430
Download  ADUCM430 Click to download

File Size   93.75 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Analog Microcontroller, 12-Bit Analog Input and Output with PMIC and TECC, Arm Cortex-M3

ADUCM430 Datasheet (HTML) - Analog Devices


ADUCM430 Product details

FEATURES
► Analog input and output
► Multichannel, 12-bit, 2 MSPS ADC
► Up to 16 external channels
► Power, VDAC, IDAC, and temperature monitor internal
channels
► Single-ended and differential modes
► 0 V to VREF analog input range
► Input buffer included
► Digital comparators
► Up to nine, 12-bit voltage output VDACs
► 4-channel, selectable output range
► 0 V to 2.5 V or AVDDx − 0.1 V (4-channel on the
ADuCM430/ADuCM431 and 3-channel on the ADuCM433)
► AVDDNEG + 0.2 V to 0 V or −2.5 V to 0 V (4-channel on
the ADuCM430 and 1-channel on the ADuCM433)
► 4-channel, 0 V to 2.5 V or AVDDx − 0.2 V
► 1-channel, 0 V to 2.5 V (ADuCM430/ADuCM431)
► Up to 4 low noise, 12-bit IDACs
► 4-channel, configurable output range: 50 mA, 100 mA, or 150
mA (ADuCM430)
► 1-channel, configurable output range: 50 mA, 100 mA, or 150
mA (ADuCM433)
► Up to 4 voltage comparators with adjustable hysteresis voltage
► TEC controller (ADuCM430/ADuCM433)
► Optional Buck or LDO regulator modes if not using TEC
► Maximum heating and cooling current: 1.3 A
► Current and voltage monitoring and protection
► Soft start function
► Microcontroller
► 32-bit Arm Cortex-M3 core, RISC architecture
► Serial wire port supports code download and debug
► Clocking options
► 16 MHz on-chip oscillator
► 80 MHz PLL output
► External clock source
► Memory
► Up to 2× 512 kB independent Flash/EE memories
► 48 kB SRAM
► Software triggered, in circuit reprogrammability via I2C
► On-chip peripherals
► 1× UART, 2× SPI, 2× I2C serial input and output
► GPIO with multilevel voltage (3.3 V, 1.8 V, and 1.2 V) digital
inputs
► MDIO target up to 4 MHz (open drain)
► 3× 16-bit and 1× 32-bit general-purpose timers
► Wake-up timer (WUT)
► Watchdog timers (WDT)
► 32 element PLA
► 16-bit PWM
► Manchester encoder and decoder
► All GPIOs support external interrupt
► Power
► Multiple supplies
► AVDDx, IOVDDx, DVDD, and PVDDTECx (ADuCM430/
ADuCM433): 2.85 V to 3.63 V
► AVDDNEG (ADuCM430/ADuCM433): −1.8 V to −3.63 V
► PVDDIDACxx/PVDDIDAC (ADuCM430/ADuCM433): 1.60
V to AVDDx
► Flexible operating modes for low power applications
► Packages and temperature range
► 5 mm x 5 mm, 0.4 mm pitch, 121-ball CSP_BGA
► 5 mm x 5 mm, 0.4 mm pitch, 72-ball CSP_BGA
► Fully specified for TJ = –40°C to +125°C
► Tools
► Low cost QuickStart development system, which is available
upon request from InfoOpticalNetwork@analog.com
► Full third-party support




Similar Part No. - ADUCM430

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM430 AD-ADUCM430 Datasheet
83Kb / 2P
Precision Analog Microcontroller, 12-Bit Analog Input and Output with PMIC and TECC, Arm Cortex-M3
Rev. Sp0
ADUCM430 AD-ADUCM430 Datasheet
88Kb / 2P
Precision Analog Microcontroller, 12-Bit Analog Input and Output with PMIC and
Rev. SpA
ADUCM430 AD-ADUCM430_V01 Datasheet
88Kb / 2P
Precision Analog Microcontroller, 12-Bit Analog Input and Output with PMIC and
Rev. SpA
More results


Similar Description - ADUCM430

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
32-bit ARM Cortex-M3 microcontroller;
logo
Analog Devices
ADUCRF101 AD-ADUCRF101 Datasheet
3Mb / 26P
Precision Analog Microcontroller ARM Cortex - M3 with ISM band
Rev. PrD
ADUCM360 AD-ADUCM360_13 Datasheet
525Kb / 24P
Low Power, Precision Analog Microcontroller with Dual Sigma-Delta ADCs, ARM Cortex-M3
REV. B
ADUCM410 AD-ADUCM410 Datasheet
836Kb / 35P
Precision Analog Microcontroller, 16-Bit Analog Input/Output with MDIO Interface, Arm Cortex-M33
9/2020-Revision 0
ADUCM420 AD-ADUCM420 Datasheet
335Kb / 25P
Precision Analog Microcontroller, 12-Bit Analog Input/Output with MDIO Interface, Arm Cortex-M33
1/2021-Revision 0
ADUC7120 AD-ADUC7120 Datasheet
1Mb / 102P
Precision Analog Microcontroller, 12-Bit Analog Input/Output, ARM7TDMI MCU
9/2017-Rev. C to Rev. D
ADUCM362-EP AD-ADUCM362-EP Datasheet
284Kb / 15P
Low Power, Precision Analog Microcontroller with Dual Sigma-Delta ADC, ARM Cortex-M3
Rev. 0
ADUCM360 AD-ADUCM360_V01 Datasheet
112Kb / 4P
Low Power Precision Analog Microcontroller, ARM Cortex-M3, with Dual Sigma-Delta ADCs
Rev. A
ADUCM430 AD-ADUCM430 Datasheet
83Kb / 2P
Precision Analog Microcontroller, 12-Bit Analog Input and Output with PMIC and TECC, Arm Cortex-M3
Rev. Sp0
ADUCM430 AD-ADUCM430_V01 Datasheet
88Kb / 2P
Precision Analog Microcontroller, 12-Bit Analog Input and Output with PMIC and
Rev. SpA
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com