Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMDS Datasheet (PDF) - Hammond Manufacturing Ltd.

PCMDS Datasheet PDF - Hammond Manufacturing Ltd.
Part # PCMDS_V01
Download  PCMDS Download
File Size   46.71 Kbytes
Page   1 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Horizontal Steel Finger Cable Manager PCMDS Series

PCMDS Datasheet (PDF)

Go To PDF Page Download Datasheet
PCMDS Datasheet PDF - Hammond Manufacturing Ltd.

Part # PCMDS_V01
Download  PCMDS Click to download

File Size   46.71 Kbytes
Page   1 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Horizontal Steel Finger Cable Manager PCMDS Series

PCMDS Datasheet (HTML) - Hammond Manufacturing Ltd.


PCMDS Product details

Mounting Hardware
Features
Constructed in 16-gauge steel.
Snap open, hinged door.
Rack mount side has five slotted openings.
Openings in the rear for cable entry.
Designed to fit standard 19” rails.
Finished in textured black powder paint.
Requires mounting hardware.
RoHS and REACH compliant.
Manufactured in North America.
Looking for a plastic finger option? Take a look at our new RBHFM
Series.
Accessories




Similar Part No. - PCMDS_V01

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PCMDS19001 HAMMOND-PCMDS19001 Datasheet
283Kb / 1P
Mounting hardware not included
PCMDS19001BK1 HAMMOND-PCMDS19001BK1 Datasheet
60Kb / 1P
Gestionnaire de cables horizontal a peigne en acier
PCMDS19001BK1 HAMMOND-PCMDS19001BK1 Datasheet
283Kb / 1P
Mounting hardware not included
PCMDS19003 HAMMOND-PCMDS19003 Datasheet
290Kb / 1P
Mounting hardware not included
PCMDS19003BK1 HAMMOND-PCMDS19003BK1 Datasheet
60Kb / 1P
Gestionnaire de cables horizontal a peigne en acier
More results


Similar Description - PCMDS_V01

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRCABLEDUCT1U TRIPPLITE-SRCABLEDUCT1U Datasheet
471Kb / 2P
SmartRack 1U Horizontal Cable Manager - Finger duct with cover
SRCABLEDUCT1UHD TRIPPLITE-SRCABLEDUCT1UHD Datasheet
480Kb / 2P
SmartRack 1U High Capacity Horizontal Cable Manager - Finger duct with dual-hinge cover
SRCABLEDUCT2UHD TRIPPLITE-SRCABLEDUCT2UHD Datasheet
491Kb / 2P
SmartRack 2U High Capacity Horizontal Cable Manager - Finger duct with dual-hinge cover
SRCABLERING1U TRIPPLITE-SRCABLERING1U Datasheet
468Kb / 2P
SmartRack 1U Horizontal Cable Manager - Flexible ring type
SRCABLERING2U TRIPPLITE-SRCABLERING2U Datasheet
477Kb / 2P
SmartRack 2U Horizontal Cable Manager - Flexible ring type
SRCABLEVRT3 TRIPPLITE-SRCABLEVRT3 Datasheet
502Kb / 2P
SmartRack 3 in. Wide High Capacity Vertical Cable Manager - Double finger duct
SRCABLEVRT6 TRIPPLITE-SRCABLEVRT6 Datasheet
509Kb / 2P
SmartRack 6 in. Wide High Capacity Vertical Cable Manager - Double finger duct with cover
logo
TT Electronics.
FSLS12P TTELEC-FSLS12P Datasheet
330Kb / 1P
Horizontal Stainless Steel Switch
logo
PANDUIT CORP.
WMPF1E PANDUIT-WMPF1E Datasheet
308Kb / 1P
WMPF1E HORIZONTAL MANAGER
08A
WMPLFSE PANDUIT-WMPLFSE Datasheet
273Kb / 1P
WMPLFSE HORIZONTAL MANAGER
04A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com