Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R100 Datasheet (PDF) - Hammond Manufacturing Ltd.

R100 Datasheet PDF - Hammond Manufacturing Ltd.
Part # R100
Download  R100 Download
File Size   357.47 Kbytes
Page   4 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Type 4X Diecast Aluminum Enclosures R100 Series Watertight, Thick Wall

R100 Datasheet (PDF)

Go To PDF Page Download Datasheet
R100 Datasheet PDF - Hammond Manufacturing Ltd.

Part # R100
Download  R100 Click to download

File Size   357.47 Kbytes
Page   4 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Type 4X Diecast Aluminum Enclosures R100 Series Watertight, Thick Wall

R100 Datasheet (HTML) - Hammond Manufacturing Ltd.


R100 Product details

Key Features
Material - Aluminum die-cast: G AI SI 12 / DIN 1775
Shallow lid, deep body
Captive stainless steel lid screws
Neoprene oil and petrol resistant gasket standard. (-40ºC up to +80ºC)
Degree of protection NEMA 4X, IP66, DIN 40050
Temperature Range (-40ºC up to +80ºC)
Single-channel Fastening System
Special developed external mounting feet made from zinc-die-cast. Can be turned
through 90º. The fastening holes have engagement lugs for this purpose. (See
accessories)
All sizes have inner blind holes.
An inner mounting panel - made of zinc-plated steel is also available (See accessories)
Textured polyester powder coat, beige RAL7032 or light gray RAL7035. (can be supplied
unpainted on special order)
CSA certified, UL Listed, Type 4, for use with industrial control equipment.




Similar Part No. - R100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R100 ETC2-R100 Datasheet
115Kb / 3P
TO-220 and TO-247 Style Power Resistor
logo
Amphenol Corporation
R100 AMPHENOL-R100 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
C&K Components
R100 CK-COMPONENTS-R100 Datasheet
305Kb / 3P
ROTA-SLIDE® Rotary Switches
logo
ITT Industries
R100-05-RN-01-B ITT-R100-05-RN-01-B Datasheet
229Kb / 3P
ROTA-SLIDE Rotary Switches
R100-05-RN-01-B-E ITT-R100-05-RN-01-B-E Datasheet
229Kb / 3P
ROTA-SLIDE Rotary Switches
More results


Similar Description - R100

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCDDH09NKL DUBILIER-DBCDDH09NKL Datasheet
96Kb / 1P
D TYPE CONNECTOR HOODS DIECAST HOODS
logo
Hammond Manufacturing L...
1590VFL HAMMOND-1590VFL Datasheet
152Kb / 2P
DIECAST ALUMINUM ENCLOSURES
logo
List of Unclassifed Man...
R507-122-000 ETC2-R507-122-000 Datasheet
34Kb / 2P
ACCESSORIES For Aluminum Enclosures (Use with series R100, R101 R102)
logo
Hammond Manufacturing L...
R100-200-000 HAMMOND-R100-200-000 Datasheet
36Kb / 1P
MATERIAL - DIECAST ALUMINUM ALLOY FOUR M14 CAPTIVE SCREWS
R100-060-000 HAMMOND-R100-060-000 Datasheet
34Kb / 1P
MATERIAL-DIECAST ALUMINUM ALLOY-TWO M9 CAPTIVE SCREWS
R100-242-000 HAMMOND-R100-242-000 Datasheet
34Kb / 1P
MATERIAL - DIECAST ALUMINUM ALLY - FOUR M14 CAPTIVE SCREWS
SCGM4 HAMMOND-SCGM4 Datasheet
240Kb / 5P
Watertight - Thick Wall - Diecast Aluminum Enclosures Heavy Duty (1590Z Series)
1551W HAMMOND-1551W Datasheet
159Kb / 1P
Watertight Polycarbonate Miniature Enclosures
7/24/22
1455 HAMMOND-1455 Datasheet
509Kb / 7P
Extruded Aluminum Enclosures
logo
FIBOX Enclosing innovat...
7028541 FIBOX-7028541 Datasheet
50Kb / 1P
Wall fastening lug (2 pcs), for enclosures
02.08.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com