Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSP3U20 Datasheet (PDF) - Hammond Manufacturing Ltd.

RSP3U20 Datasheet PDF - Hammond Manufacturing Ltd.
Part # RSP3U20
Download  RSP3U20 Download
File Size   163.15 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Two Post Sliding Rack Shelf RSP Series

RSP3U20 Datasheet (PDF)

Go To PDF Page Download Datasheet
RSP3U20 Datasheet PDF - Hammond Manufacturing Ltd.

Part # RSP3U20
Download  RSP3U20 Click to download

File Size   163.15 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Two Post Sliding Rack Shelf RSP Series

RSP3U20 Datasheet (HTML) - Hammond Manufacturing Ltd.


RSP3U20 Product details

Features
Constructed of 14 gauge steel.
Universal design mounts to any standard EIA compliant rack or cabinet.
Allows easy rack mounting of equipment or items that do not have rack mounting
capabilities.
Easily gain rear access to non-rack mounting equipment.
Heavy duty ball bearing slides included
The slides feature a stopping mechanism, preventing the shelf from accidentally falling
out of the slide tray.
Up to 100 lbs (45 kg) in weight capacity.
Optional dividers help organize and support equipment such as consoles and cable
boxes. The dividers are also great forbe bookends, organizing binders and literature.
Rugged textured powder paint finish.
TAA Compliant
RoHS and REACH compliant.
Manufactured in North America.




Similar Part No. - RSP3U20

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RSP3-800 BELDEN-RSP3-800 Datasheet
444Kb / 2P
Mini Power Single-Ended Cordset: 1 3/8", male, straight, 3-pin(2PE), black body, 600 V, 42 A; TPE black cable, 10 AWG
RSP3-RKP3-800 BELDEN-RSP3-RKP3-800 Datasheet
349Kb / 3P
Mini Power Double-Ended Cordset: 1 3/8" male straight to 1 3/8" female straight, 3-pin(2PE), black body, 600 V, 42 A; TPE black cable, 10 AWG
RSP3-RKWPA3-802 BELDEN-RSP3-RKWPA3-802 Datasheet
375Kb / 3P
Mini Power Double-Ended Cordset: 1 3/8" male straight to 7/8" female angled, 3-pin(2PE), black body, 600 V, 18 A; TPE black cable, 14 AWG
More results


Similar Description - RSP3U20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATCA-8214 ETC2-ATCA-8214 Datasheet
1Mb / 2P
Two shelf management controller slots
ATCA-8505 ETC2-ATCA-8505 Datasheet
772Kb / 2P
Two shelf management controller slots
logo
PANDUIT CORP.
R2P6S PANDUIT-R2P6S Datasheet
435Kb / 2P
2 Post Standard Equipment Rack
logo
Tripp Lite. All Rights ...
4POSTRAILKIT1U TRIPPLITE-4POSTRAILKIT1U Datasheet
484Kb / 2P
4-Post 1U Universal Adjustable Rack-Mount Shelf Kit
logo
Bud Industries, Inc.
SA-1753-BT BUD-SA-1753-BT Datasheet
75Kb / 1P
RELAY RACK SHELF
logo
Rosenberger Hochfrequen...
02K150-G300 ROSENBERGER-02K150-G300 Datasheet
105Kb / 3P
Sliding Load
logo
Tripp Lite. All Rights ...
4POSTRAILKITWM TRIPPLITE-4POSTRAILKITWM Datasheet
165Kb / 2P
4-Post 1U Universal Adjustable Rack-Mount Shelf Kit for Wall-Mount Racks
logo
PANDUIT CORP.
WMPV45E PANDUIT-WMPV45E Datasheet
434Kb / 2P
2 Post Standard Equipment Rack
9/2011
logo
Hammond Manufacturing L...
RAS HAMMOND-RAS_V01 Datasheet
241Kb / 2P
Universal Rack Shelf
logo
Kendall Howard
1904-1-001-01 KENDALLHOWARD-1904-1-001-01 Datasheet
413Kb / 1P
FULL 20” RACK SHELF
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com