Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFVS1921BK1. Datasheet (PDF) - Hammond Manufacturing Ltd.

RFVS1921BK1. Datasheet PDF - Hammond Manufacturing Ltd.
Part # RFVS1921BK1.
Download  RFVS1921BK1. Download
File Size   60.14 Kbytes
Page   1 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Four Post Fixed Depth Shelf RF Series

RFVS1921BK1. Datasheet (PDF)

Go To PDF Page Download Datasheet
RFVS1921BK1. Datasheet PDF - Hammond Manufacturing Ltd.

Part # RFVS1921BK1.
Download  RFVS1921BK1. Click to download

File Size   60.14 Kbytes
Page   1 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Four Post Fixed Depth Shelf RF Series

RFVS1921BK1. Datasheet (HTML) - Hammond Manufacturing Ltd.


RFVS1921BK1. Product details

Fixed Shelf Rail Adapter Hook and Loop Roll
Features
Constructed of heavy duty 14 gauge steel.
Front & rear lip folded for extra strength.
Versatile design can be used upside down (front & rear lip become
equipment retainers).
Sides folded up for easy hardware installation from above.
Sides are slotted for easy adjustment with most rail depth locations.
Rugged textured powder paint finish.
Tested to nearly double the suggested load rating of 350 lbs.
Includes all mounting hardware.
RoHS and REACH compliant.
Manufactured in North America.
Please note that to mount this product you need to have two (2) pairs
of combination rails within your cabinet. This product does not mount to
the front and back of the rails like traditional rack mounting shelves. If
used with our CPR square hole rails you will need to order CPRSA rail
adaptor for each shelf ordered.
Accessories




Similar Part No. - RFVS1921BK1.

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RFVS1921BK1 HAMMOND-RFVS1921BK1 Datasheet
138Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results


Similar Description - RFVS1921BK1.

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR42BMDEXPNDNR3 TRIPPLITE-SR42BMDEXPNDNR3 Datasheet
486Kb / 3P
42U SmartRack 4-Post Mid-Depth Open Frame
SR42UBMDEXPND TRIPPLITE-SR42UBMDEXPND Datasheet
487Kb / 3P
42U SmartRack 4-Post Mid-Depth Open Frame Rack
SR45UBMDEXPND TRIPPLITE-SR45UBMDEXPND Datasheet
486Kb / 3P
45U SmartRack 4-Post Mid-Depth Open Frame Rack
SRSHELF2P TRIPPLITE-SRSHELF2P Datasheet
487Kb / 2P
SmartRack 2U Cantilever Fixed Shelf (60 lb / 27 kg capacity; 18-in. / 457 mm depth.)
SRSHELF2P1U TRIPPLITE-SRSHELF2P1U Datasheet
479Kb / 2P
SmartRack 1U Cantilever Fixed Shelf (40 lb / 18 kg capacity; 12-in. / 305 mm depth.)
SRSHELF2PDP TRIPPLITE-SRSHELF2PDP Datasheet
489Kb / 2P
2U Cantilever Fixed Shelf (60 lb / 27 kg capacity; 21in. / 533.4 mm depth.)
SRSHELF4PHD TRIPPLITE-SRSHELF4PHD Datasheet
473Kb / 2P
SmartRack Heavy-Duty Fixed Shelf (250 lb/113 kg capacity; 26 in/660 mm depth)
logo
Infineon Technologies A...
TLS202B1V50 INFINEON-TLS202B1V50 Datasheet
563Kb / 19P
Fixed Linear Voltage Post Regulator
Rev. 1.0 2017-05-31
logo
Tripp Lite. All Rights ...
SR42UBEXPND TRIPPLITE-SR42UBEXPND Datasheet
163Kb / 3P
SmartRack 42U Standard-Depth 4-Post Premium Open Frame Rack
logo
Infineon Technologies A...
TLS202B1MBV33 INFINEON-TLS202B1MBV33 Datasheet
892Kb / 18P
Fixed Linear Voltage Post Regulator
Rev. 1.0, 2015-06-23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com