Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM1U1908VBK Datasheet (PDF) - Hammond Manufacturing Ltd.

RM1U1908VBK Datasheet PDF - Hammond Manufacturing Ltd.
Part # RM1U1908VBK
Download  RM1U1908VBK Download
File Size   146.32 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Rack-Mounted Instrument Enclosure RM Series Extruded Aluminum, 19" Rack-Mount or Desktop Use

RM1U1908VBK Datasheet (PDF)

Go To PDF Page Download Datasheet
RM1U1908VBK Datasheet PDF - Hammond Manufacturing Ltd.

Part # RM1U1908VBK
Download  RM1U1908VBK Click to download

File Size   146.32 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Rack-Mounted Instrument Enclosure RM Series Extruded Aluminum, 19" Rack-Mount or Desktop Use

RM1U1908VBK Datasheet (HTML) - Hammond Manufacturing Ltd.


RM1U1908VBK Product details

Chassis Tilt Bail Mounting Hardware
Features
Strong construction yet light weight using all aluminum components
Suitable for desk top or rack mountable applications.
Knockdown design ships un-assembled for easy handling and shipping protection.
Strong construction using:
extruded aluminum side panels 0.125" (3.2 mm) thick
extruded aluminum front & rear panels 0.125" (3.2mm) thick
flat aluminum top and bottom panels 0.064" (1.6 mm) thick
Can be used with or without rack mounting brackets (one pair included)
Front & rear panel are interchangeable.
Enclosure is finished in rugged, textured, black powder paint.
Includes top, bottom, sides, self adhesive rubber feet, rack mount brackets and all
assembly hardware
Pull handles & adjustable rear bracket rack mount kit (for deeper models) are not included
with unit (see tables & accessories below).
RoHS Compliant.
Manufactured in North America.
Accessories




Similar Part No. - RM1U1908VBK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RM1U1908VBK HAMMOND-RM1U1908VBK Datasheet
410Kb / 1P
Extruded Aluminum Frame - Type 6063
RM1U1908VBK HAMMOND-RM1U1908VBK Datasheet
410Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
RM1U1908VBK HAMMOND-RM1U1908VBK Datasheet
166Kb / 3P
Rack-Mounted Instrument Enclosure
1/6/2019
RM1U1908VBK HAMMOND-RM1U1908VBK Datasheet
172Kb / 3P
Rack-Mounted Instrument Enclosure RM Series Extruded Aluminum, 19" Rack-Mount or Desktop Use
1/5/2021
RM1U1908VBK HAMMOND-RM1U1908VBK Datasheet
65Kb / 3P
Rugged Rack Chassis RM Series
More results


Similar Description - RM1U1908VBK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
HDR HAMMOND-HDR Datasheet
56Kb / 1P
Hammond Desktop Rack
logo
List of Unclassifed Man...
G17081UBK ETC2-G17081UBK Datasheet
95Kb / 2P
19 Rack Mount Case - ABS
logo
Tripp Lite. All Rights ...
B021-000-19-HD TRIPPLITE-B021-000-19-HD Datasheet
177Kb / 4P
1U Rack-Mount Console with 19" LCD, DVI or VGA
logo
M-System Co.,Ltd.
17HZ MSYSTEM-17HZ Datasheet
92Kb / 2P
Rack-mounted Power Transducers 17-RACK
17MK MSYSTEM-17MK Datasheet
87Kb / 2P
Rack-mounted Power Transducers 17-RACK
17PA MSYSTEM-17PA Datasheet
98Kb / 3P
Rack-mounted Power Transducers 17-RACK
17RK MSYSTEM-17RK Datasheet
88Kb / 2P
Rack-mounted Power Transducers 17-RACK
17RS MSYSTEM-17RS Datasheet
88Kb / 2P
Rack-mounted Power Transducers 17-RACK
17TS MSYSTEM-17TS Datasheet
94Kb / 3P
Rack-mounted Power Transducers 17-RACK
logo
PANDUIT CORP.
FRME1U PANDUIT-FRME1U Datasheet
268Kb / 2P
FIBER RACK MOUNTED ENCLOSURE (FRME1U) CUSTOMER DRAWING
11-12-07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com