Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIW003N150 Datasheet (PDF) - Inchange Semiconductor Company Limited

DIW003N150 Datasheet PDF - Inchange Semiconductor Company Limited
Part # DIW003N150
Download  DIW003N150 Download
File Size   396.75 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc N-Channel MOSFET Transistor

DIW003N150 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIW003N150 Datasheet PDF - Inchange Semiconductor Company Limited

Part # DIW003N150
Download  DIW003N150 Click to download

File Size   396.75 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc N-Channel MOSFET Transistor

DIW003N150 Datasheet (HTML) - Inchange Semiconductor Company Limited


DIW003N150 Product details

FEATURES
· Drain Current -ID= 3A@ TC=25℃
· Drain Source Voltage -VDSS= 1500V(Min)
· Static Drain-Source On-Resistance
-RDS(on) = 6.5Ω(Max)@VGS= 10V
DESCRIPTION
· DC-DC converter
· AC and DC Motor Drives
· Switch-Mode and Resonant-Mode Power Supplies




Similar Part No. - DIW003N150

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DIW018N65 ISC-DIW018N65 Datasheet
397Kb / 2P
isc N-Channel MOSFET Transistor
logo
Diotec Semiconductor
DIW030F135 DIOTEC-DIW030F135 Datasheet
864Kb / 4P
Fast Switching IGBTwith Reverse Diode Schnell Schaltender IGBT mit Rückwärtsdiode
2024-04-04
DIW030M060 DIOTEC-DIW030M060 Datasheet
865Kb / 4P
Medium Fast Switching IGBT with Reverse Diode Mittelschnell schaltender IGBT mit Rückwärtsdiode
2024-04-05
logo
Inchange Semiconductor ...
DIW038N65K ISC-DIW038N65K Datasheet
398Kb / 2P
isc N-Channel MOSFET Transistor
logo
Diotec Semiconductor
DIW040F135 DIOTEC-DIW040F135 Datasheet
861Kb / 4P
Fast Switching IGBTwith Reverse Diode Schnell Schaltender IGBT mit Rückwärtsdiode
2024-05-27
More results


Similar Description - DIW003N150

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCB18101 ISC-ISCB18101 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
ISCD18130 ISC-ISCD18130 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
ISCF18118 ISC-ISCF18118 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
ISCN18117 ISC-ISCN18117 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
AOB2140L ISC-AOB2140L Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
ISCN1894 ISC-ISCN1894 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
IPA60R199CP ISC-IPA60R199CP Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
IPA90R500C3 ISC-IPA90R500C3 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
STD7N80K5 ISC-STD7N80K5 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
2SK2543 ISC-2SK2543 Datasheet
338Kb / 2P
isc N-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com