Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC16373ADGG Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC16373ADGG Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC16373ADGG
Download  74LVC16373ADGG Download
File Size   274.32 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state

74LVC16373ADGG Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC16373ADGG Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC16373ADGG
Download  74LVC16373ADGG Click to download

File Size   274.32 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state

74LVC16373ADGG Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC16373ADGG Product details

General description
The 74LVC16373A and 74LVCH16373A are 16-bit D-type transparent latches featuring separate
D-type inputs with bus hold (74LVCH16373A only) for each latch and 3-state outputs for
bus-oriented applications. One Latch Enable (LE) input and one Output Enable (OE) are provided
for each octal. Inputs can be driven from either 3.3 V or 5 V devices. When disabled, up to 5.5 V
can be applied to the outputs. These features allow the use of these devices in mixed 3.3 V and
5 V applications.
The device consists of two sections of eight D-type transparent latches with 3-state true outputs.
When LE is HIGH, data at the Dn inputs enter the latches. In this condition, the latches are
transparent, that is, the latch outputs change each time its corresponding D-input changes. The
latches store the information that was present at the D-inputs one set-up time (tsu) preceding the
HIGH-to-LOW transition of LE. When OE is LOW, the contents of the eight latches are available at
the outputs. When OE is HIGH, the outputs go to the high impedance OFF-state. Operation of the
OE input does not affect the state of the latches. Bus hold on the data inputs eliminates the need
for external pull-up resistors to hold unused inputs.
Features and benefits
• 5 V tolerant inputs/outputs for interfacing with 5 V logic
• Wide supply voltage range from 1.2 V to 3.6 V
• CMOS low power consumption
• Multibyte flow-through standard pinout architecture
• Multiple low inductance supply pins for minimum noise and ground bounce
• Direct interface with TTL levels
• All data inputs have bus hold (74LVCH16373A only)
• High-impedance when VCC = 0 V
• Complies with JEDEC standard:
• JESD8-7A (1.65 V to 1.95 V)
• JESD8-5A (2.3 V to 2.7 V)
• JESD8-C/JESD36 (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• CDM ANSI/ESDA/Jedec JS-002 exceeds 1000 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74LVC16373ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC16373ADGG PHILIPS-74LVC16373ADGG Datasheet
83Kb / 10P
16-bit D-type transparent latch with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
74LVC16373ADGG PHILIPS-74LVC16373ADGG Datasheet
114Kb / 17P
16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
2003 Dec 08
logo
Nexperia B.V. All right...
74LVC16373ADGG NEXPERIA-74LVC16373ADGG Datasheet
261Kb / 15P
16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 10 - 1 October 2021
74LVC16373ADGG-Q100 NEXPERIA-74LVC16373ADGG-Q100 Datasheet
252Kb / 15P
16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
logo
Texas Instruments
74LVC16373ADGGRG4 TI-74LVC16373ADGGRG4 Datasheet
331Kb / 14P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Similar Description - 74LVC16373ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC16373A PHILIPS-74LVC16373A Datasheet
83Kb / 10P
16-bit D-type transparent latch with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
74LVCH32373A PHILIPS-74LVCH32373A Datasheet
80Kb / 16P
32-bit transparent D-type latch with 5 V tolerant inputs/outputs; 3-state
1999 Nov 24
74LVCH16373A PHILIPS-74LVCH16373A Datasheet
114Kb / 17P
16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
2003 Dec 08
74LVC_LVCH16373A PHILIPS-74LVC_LVCH16373A_15 Datasheet
212Kb / 17P
16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 8-6 January 2014
74LVC573A PHILIPS-74LVC573A_15 Datasheet
161Kb / 20P
Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 5-19 February 2013
logo
Nexperia B.V. All right...
74LVC573A-Q100 NEXPERIA-74LVC573A-Q100 Datasheet
261Kb / 16P
Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
74LVC16373A-Q100 NEXPERIA-74LVC16373A-Q100 Datasheet
252Kb / 15P
16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
74LVC16373A NEXPERIA-74LVC16373A Datasheet
261Kb / 15P
16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 10 - 1 October 2021
74LVC373A NEXPERIA-74LVC373A Datasheet
274Kb / 15P
Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 5 - 27 August 2021
74LVC573A NEXPERIA-74LVC573A Datasheet
274Kb / 16P
Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 8 - 27 August 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com