Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG-2131 Datasheet (PDF) - Analog Devices

UG-2131 Datasheet PDF - Analog Devices
Part # UG-2131
Download  UG-2131 Download
File Size   1982.77 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluating the LTC9101-2A/LTC9101-2 and LTC9102 48-Channel IEEE 802.3at/bt PSE

UG-2131 Datasheet (PDF)

Go To PDF Page Download Datasheet
UG-2131 Datasheet PDF - Analog Devices

Part # UG-2131
Download  UG-2131 Click to download

File Size   1982.77 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluating the LTC9101-2A/LTC9101-2 and LTC9102 48-Channel IEEE 802.3at/bt PSE

UG-2131 Datasheet (HTML) - Analog Devices


UG-2131 Product details

GENERAL DESCRIPTION
The EVAL-LTC9101-2 is a 48-channel IEEE 802.3at/bt compliant
power sourcing equipment (PSE). The EVAL-LTC9101-2
KIT includes the DC3159A-D or DC3159A-C daughter card,
the DC3017A-B motherboard, and features the LTC9101-2A/
LTC9101-2 and LTC9102 chipset.
In the EVAL-LTC9101-2 KIT, the daughter card has a single
LTC9101-2A or LTC9101-2 digital controller. The DC3159A-D
daughter card has the LTC9101-2A and the DC3159A-C has the
LTC9101-2. The digital controller interfaces with four LTC9102
(12-channel) analog controllers for a total of 48 PSE channels.
The LTC9101-2A/LTC9101-2 use a proprietary isolated data interface
allowing the LTC9101-2 to directly connect to the host controller
I2C interface and eliminating the need for costly optocouplers
and an additional 3.3 V supply.
The EVAL-LTC9101-2A Kit connects to up to forty-eight, 802.3af/at
PDs with an Ethernet splitter for each two ports for 2-pair power
evaluation. This kit version requires host control over I2C.
The EVAL-LTC9101-2 Kit connects to up to twenty-four,
802.3af/at/bt PDs directly at each port for 4-pair power evaluation.
This kit version can operate autonomously or with host control over
I2C.
Indicator LEDs quickly show channel status for the 48 power
channels. An optional on-board buck regulator provides 3.3 V from
the VEE supply for the digital circuity. This demonstration manual
provides an EVAL-LTC9101-2 KIT overview and quick start procedure.
Design files for this circuit board are available at




Similar Part No. - UG-2131

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-2130 AD-UG-2130 Datasheet
3Mb / 18P
Evaluating the ADATE304 200 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
Rev. 0
UG-2132 AD-UG-2132 Datasheet
1Mb / 10P
Evaluating the LTC9101-3/LTC9103 16-Port, IEEE 802.3at PSE Controller with Power Management and LED Control
Rev. 0
More results


Similar Description - UG-2131

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3461 SILABS-SI3461 Datasheet
207Kb / 24P
SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
Maxim Integrated Produc...
MAX5980 MAXIM-MAX5980 Datasheet
3Mb / 49P
Quad, IEEE 802.3at/af PSE Controller
Rev 1; 9/11
logo
Texas Instruments
TPS23851 TI1-TPS23851 Datasheet
1Mb / 62P
Quad IEEE 802.3at Power-Over-Ethernet PSE Controller
logo
List of Unclassifed Man...
SI3462-E01 ETC2-SI3462-E01 Datasheet
226Kb / 24P
SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
Silicon Laboratories
SI3454 SILABS-SI3454 Datasheet
1Mb / 57P
QUAD IEEE 802.3AT POE PSE CONTROLLER
SI3459 SILABS-SI3459 Datasheet
1Mb / 57P
OCTAL IEEE 802.3AT POE PSE CONTROLLER
logo
Texas Instruments
TPS2388 TI1-TPS2388 Datasheet
1Mb / 82P
IEEE 802.3at 8-Channel Power-over-Ethernet PSE Controller
logo
Analog Devices
DC3160A AD-DC3160A Datasheet
1Mb / 12P
DC3159A and DC3017A LTC9101-1/LTC9102/LTC9103 24-Port, 4-Pair IEEE 802.3bt PSE
Rev. 0
logo
Skyworks Solutions Inc.
SI3462 SKYWORKS-SI3462 Datasheet
814Kb / 24P
SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
Rev. 1.0
SI3454 SKYWORKS-SI3454 Datasheet
1Mb / 57P
QUAD IEEE 802.3AT POE PSE CONTROLLER
Rev. 1.1
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com