Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC-ALH216 Datasheet (PDF) - Analog Devices

HMC-ALH216 Datasheet PDF - Analog Devices
Part # HMC-ALH216
Download  HMC-ALH216 Download
File Size   1089.79 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description ACTIVE BIAS CONTROLLER

HMC-ALH216 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC-ALH216 Datasheet PDF - Analog Devices

Part # HMC-ALH216
Download  HMC-ALH216 Click to download

File Size   1089.79 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description ACTIVE BIAS CONTROLLER

HMC-ALH216 Datasheet (HTML) - Analog Devices


HMC-ALH216 Product details

Features
Automatic Gate voltage adjustment (No Calibration
required)
Supply Voltage: 4V to 12V
Digital Voltage: 3.3V to 5V
Controls both Enhancement and Depletion type
devices
Adjustable Drain Current up to 200mA
Sink/Source Gate Current Capability
Optional Internal negative voltage generation that
can be disabled to use external negative rail
Fast Enable/Disable
Trigger-out Output for Daisy Chain Power-Up and
Power-Down Sequencing
16 Lead 3x3 mm SMT Package: 9 mm²




Similar Part No. - HMC-ALH216

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ALH216 HITTITE-HMC-ALH216 Datasheet
190Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 14 - 27 GHz
HMC-ALH216 HITTITE-HMC-ALH216 Datasheet
755Kb / 18P
ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC-ALH216 AD-HMC-ALH216 Datasheet
275Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
More results


Similar Description - HMC-ALH216

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR400W INFINEON-BCR400W Datasheet
60Kb / 7P
Active Bias Controller
Aug-07-2001
BCR410W INFINEON-BCR410W Datasheet
127Kb / 4P
Active Bias Controller
Dec-21-2001
BCR410W INFINEON-BCR410W_07 Datasheet
170Kb / 6P
Active Bias Controller
2007-05-29
logo
Hittite Microwave Corpo...
HMC981 HITTITE-HMC981 Datasheet
755Kb / 18P
ACTIVE BIAS CONTROLLER
HMC981LP3E HITTITE-HMC981LP3E Datasheet
1Mb / 17P
ACTIVE BIAS CONTROLLER
HMC920LP5E HITTITE-HMC920LP5E Datasheet
1Mb / 26P
ACTIVE BIAS CONTROLLER
HMC980 HITTITE-HMC980_12 Datasheet
1Mb / 20P
Active Bias Controller
logo
Analog Devices
HMC920LP5E AD-HMC920LP5E Datasheet
1Mb / 26P
ACTIVE BIAS CONTROLLER
HMC981 AD-HMC981 Datasheet
871Kb / 18P
ACTIVE BIAS CONTROLLER
HMC981LP3E AD-HMC981LP3E Datasheet
980Kb / 17P
ACTIVE BIAS CONTROLLER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com