Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16700 Datasheet (PDF) - MEC Marcom Electronic Components Ltd.

16700 Datasheet PDF - MEC Marcom Electronic Components Ltd.
Part # 16700
Download  16700 Download
File Size   2641.23 Kbytes
Page   8 Pages
Manufacturer  MEC [MEC Marcom Electronic Components Ltd.]
Direct Link  https://mec-uk.co.uk/
Logo MEC - MEC Marcom Electronic Components Ltd.
Description Different caps for unimec™ switches

16700 Datasheet (PDF)

Go To PDF Page Download Datasheet
16700 Datasheet PDF - MEC Marcom Electronic Components Ltd.

Part # 16700
Download  16700 Click to download

File Size   2641.23 Kbytes
Page   8 Pages
Manufacturer  MEC [MEC Marcom Electronic Components Ltd.]
Direct Link  https://mec-uk.co.uk/
Logo MEC - MEC Marcom Electronic Components Ltd.
Description Different caps for unimec™ switches

16700 Datasheet (HTML) - MEC Marcom Electronic Components Ltd.


16700 Product details

- Square and rectangular caps
- 6mm x 12.3mm; 14.9mm x 14.9mm; 15.1mm x 15.1mm
- h=16.9mm; 14.6mm; 14.5mm
- Material: ABS
- Temp. Range: -40/+65°C




Similar Part No. - 16700

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
16700 OPTODIODE-16700 Datasheet
1Mb / 9P
High-Speed Infrared Emitter with Integrated Drive Electronics
logo
ITT Industries
167000-1400 ITT-167000-1400 Datasheet
69Kb / 1P
BNC CRIMP PLUG, 75 - OHM FOR RG734 CABLE, R/A
167000-1402 ITT-167000-1402 Datasheet
45Kb / 1P
CONTACT PIN, CRIMPING FOR RG734/RG735 CABLE
167000-1403 ITT-167000-1403 Datasheet
44Kb / 1P
OUTER FERRULE, FOR 75-OHM BNC CRIMP CONN
167000-1406 ITT-167000-1406 Datasheet
69Kb / 1P
BNC CRIMP PLUG, 75 - OHM FOR RG734 CABLE, R/A
More results


Similar Description - 16700

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QSEC QUALTEK-QSEC Datasheet
590Kb / 1P
END CAPS
QSEC QUALTEK-QSEC_13 Datasheet
763Kb / 1P
END CAPS
logo
List of Unclassifed Man...
KTSC-22Y ETC2-KTSC-22Y Datasheet
153Kb / 3P
Caps for MCDTS2 Series Keyboard Switches and Accessories
logo
Schurter Inc.
0031.1812 SCHURTER-0031.1812 Datasheet
178Kb / 1P
Caps for Holder FEU (Grip)
logo
PULS GmbH
PAS395 PULS-PAS395 Datasheet
1Mb / 14P
Charger for EDLC Capacitors (Ultra-Caps)
logo
Rosenberger Hochfrequen...
SLGK004-C09 ROSENBERGER-SLGK004-C09 Datasheet
150Kb / 2P
Grounding kits for different series cable
logo
Wurth Elektronik GmbH &...
726144001 WURTH-726144001 Datasheet
162Kb / 2P
Plastic Caps for USB Connectors WA-PCCA
726144003 WURTH-726144003 Datasheet
160Kb / 2P
Plastic Caps for USB Connectors WA-PCCA
logo
Schneider Electric
ZBA79 SCHNEIDER-ZBA79 Datasheet
103Kb / 2P
Caps, set of 10 different colors
Nov 1, 2021
logo
Schurter Inc.
0031.1667 SCHURTER-0031.1667_V02 Datasheet
255Kb / 2P
Caps Fingergrip for Holder FEU, FAU, FAC
04.01.2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com