Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10G03 Datasheet (PDF) - MEC Marcom Electronic Components Ltd.

10G03 Datasheet PDF - MEC Marcom Electronic Components Ltd.
Part # 10G03
Download  10G03 Download
File Size   1598.61 Kbytes
Page   6 Pages
Manufacturer  MEC [MEC Marcom Electronic Components Ltd.]
Direct Link  https://mec-uk.co.uk/
Logo MEC - MEC Marcom Electronic Components Ltd.
Description HIGHLY RELIABLE TACTILE SWITCH

10G03 Datasheet (PDF)

Go To PDF Page Download Datasheet
10G03 Datasheet PDF - MEC Marcom Electronic Components Ltd.

Part # 10G03
Download  10G03 Click to download

File Size   1598.61 Kbytes
Page   6 Pages
Manufacturer  MEC [MEC Marcom Electronic Components Ltd.]
Direct Link  https://mec-uk.co.uk/
Logo MEC - MEC Marcom Electronic Components Ltd.
Description HIGHLY RELIABLE TACTILE SWITCH

10G03 Datasheet (HTML) - MEC Marcom Electronic Components Ltd.


10G03 Product details

■IP67 sealing
■3.000.000 cycles
■Dimensions 8x8mm
■Low profile h=2,5mm
■Crisp sound and feel
■Pins for accurate positioning
■ Excellent for under overlay and custom caps
■Good when space is limited
■New cap 10G Ø11.5mm in 5 solid colours
■6C+10G lowest solution in MEC range h=4,9mm
■Floating cap- easy alignment of PCB and front panel
■Soft actuator: no rattling from the cap when application gets shakenHIGHLY




Similar Part No. - 10G03

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
10G0.5 BELDEN-10G0.5 Datasheet
157Kb / 2P
MachFlex™ 350YY, 9C1G 0.5 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
10G0.5-010100M BELDEN-10G0.5-010100M Datasheet
157Kb / 2P
MachFlex™ 350YY, 9C1G 0.5 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
10G0.5-010200M BELDEN-10G0.5-010200M Datasheet
157Kb / 2P
MachFlex™ 350YY, 9C1G 0.5 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
10G0.5-010300M BELDEN-10G0.5-010300M Datasheet
157Kb / 2P
MachFlex™ 350YY, 9C1G 0.5 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
10G0.5-G8U100M BELDEN-10G0.5-G8U100M Datasheet
157Kb / 2P
MachFlex™ 350YY, 9C1G 0.5 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
More results


Similar Description - 10G03

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3F OMRON-B3F_1 Datasheet
1Mb / 12P
Tactile Switch
B3M OMRON-B3M Datasheet
261Kb / 4P
Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
Tactile Switch
B3F OMRON-B3F_11 Datasheet
1Mb / 12P
Tactile Switch
A6C OMRON-A6C Datasheet
78Kb / 3P
Highly Reliable Subminiature Dip Switch
logo
CUI INC
TS02 CUI-TS02 Datasheet
467Kb / 5P
TACTILE SWITCH
TS04 CUI-TS04 Datasheet
429Kb / 5P
TACTILE SWITCH
11/03/2021
TS05 CUI-TS05 Datasheet
470Kb / 4P
TACTILE SWITCH
09/20/2021
TS12 CUI-TS12 Datasheet
971Kb / 6P
TACTILE SWITCH
04/14/2022
TS16 CUI-TS16 Datasheet
389Kb / 5P
TACTILE SWITCH
04/13/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com