Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR1841 Datasheet (PDF) - ATMEL Corporation

ATR1841 Datasheet PDF - ATMEL Corporation
Part # ATR1841
Download  ATR1841 Download
File Size   160.82 Kbytes
Page   8 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Front Monitor Diode for Blu-ray/HD-DVD/DVD/CD with TWI

ATR1841 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATR1841 Datasheet PDF - ATMEL Corporation

Part # ATR1841
Download  ATR1841 Click to download

File Size   160.82 Kbytes
Page   8 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Front Monitor Diode for Blu-ray/HD-DVD/DVD/CD with TWI

ATR1841 Datasheet (HTML) - ATMEL Corporation


ATR1841 Product details

Description
The ATR1841 is a front monitor diode (FMD) which controls the laser power of the optical pickup for Blu-ray/HD-DVD, DVD and CD drives in one IC.
With the Two-wire Interface (TWI) it is possible to fit the laser power for Blu-ray/HD-DVD, DVD and CD. Two bits are used to set the mode/gain level and 6 additional bits are used for gain trimming, within ±6 dB. Entering sleep mode is also controlled via the TWI.
The integrated PIN diode and the high speed amplifier with low output impedance ensures stable driver performance.
All output channels are set to tri-state during sleep mode.
Due to its small package size the ATR1841 is especially suited for applications with low height requirements like SLIM and Ultra-SLIM drives.

Features
• 405 nm, 650 nm and 780 nm Wavelengths Supported
• Blu-ray/HD-DVD x5, CD-R/RW x52, DVD-R/RW x16
• Adjustment of Mode and Gain by Setting Internal Register via Two-wire Interface (TWI)
• 200 MHz Channel Bandwidth
• Paraphase Outputs
• Internal Reference Voltage Generation
• Fast Settling Time
• Low Offset Voltage
• Power-down Mode
• Pb-free Optical 12-pin Package

Applications
• Blu-ray/HD-DVD
• DVD+RW with CD-RW Capability
• DVD-RW with CD-RW Capability
• DVD-RAM with CD-RW Capability
• Recordable Optical Data Storage Devices




Similar Part No. - ATR1841

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR1842 ATMEL-ATR1842 Datasheet
157Kb / 8P
Front Monitor Diode for Blu-ray/HD-DVD/ DVD/CD with Serial Interface
More results


Similar Description - ATR1841

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
logo
Sony Corporation
CXA2586M SONY-CXA2586M Datasheet
91Kb / 8P
PDIC for CD-ROM/DVD-ROM
logo
ATMEL Corporation
AT78C1503 ATMEL-AT78C1503 Datasheet
107Kb / 14P
DVD/CD Read Channel
logo
Samsung semiconductor
S5L1462B SAMSUNG-S5L1462B Datasheet
199Kb / 43P
CD and DVD playback
logo
ATMEL Corporation
AT78C1502 ATMEL-AT78C1502 Datasheet
76Kb / 9P
DVD/CD Servo
logo
Rohm
BD8201FM ROHM-BD8201FM Datasheet
512Kb / 6P
Power Driver For CD/DVD Players
logo
ATMEL Corporation
AT78C1501 ATMEL-AT78C1501 Datasheet
119Kb / 15P
DVD / CD ATAPI CONTROLLER
ATR0885 ATMEL-ATR0885 Datasheet
130Kb / 6P
3-output Laser Driver for HD-DVD/ Blu-ray/DVD/ CD-ROM
ATR1842 ATMEL-ATR1842 Datasheet
157Kb / 8P
Front Monitor Diode for Blu-ray/HD-DVD/ DVD/CD with Serial Interface
logo
STMicroelectronics
ST1S50 STMICROELECTRONICS-ST1S50 Datasheet
707Kb / 29P
Solid state disk drive, Blu-ray, DVD
23-Mar-2015
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com