Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IBS55 Datasheet (PDF) - Wall Industries,Inc.

IBS55 Datasheet PDF - Wall Industries,Inc.
Part # IBS55
Download  IBS55 Download
File Size   130.22 Kbytes
Page   3 Pages
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.
Description 6000 VDC Input/Output Isolation

IBS55 Datasheet (PDF)

Go To PDF Page Download Datasheet
IBS55 Datasheet PDF - Wall Industries,Inc.

Part # IBS55
Download  IBS55 Click to download

File Size   130.22 Kbytes
Page   3 Pages
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.
Description 6000 VDC Input/Output Isolation

IBS55 Datasheet (HTML) - Wall Industries,Inc.


IBS55 Product details

THE IB SERIES FROM WALL INDUSTRIES
The IB Series features extremely high Input/Output isolation in a miniature 1.5 watt package. Designed with a low profile and 24 pin DIP compatibility, the IB fits easily into PC board assemblies. High efficiency (>75% typical) is a result of state-of-the-art circuitry with an oscillator frequency greater than 50kHz.

FEATURES
• highly isolated
• single and dual outputs
• short circuit protection
• industry standard packages
• high efficiency: 75% typical
• MTBF > 2,000,000 hours




Similar Part No. - IBS55

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
IBS-1 SOVICO-IBS-1 Datasheet
120Kb / 1P
BOOM MICROPHONE STAND
logo
ORing Industrial Networ...
IBS-102FX ORING-IBS-102FX Datasheet
768Kb / 4P
Industrial 2-port optical bypass switch for fiber optical network
IBS-102FX-MM-LC ORING-IBS-102FX-MM-LC Datasheet
768Kb / 4P
Industrial 2-port optical bypass switch for fiber optical network
IBS-102FX-SS-LC ORING-IBS-102FX-SS-LC Datasheet
768Kb / 4P
Industrial 2-port optical bypass switch for fiber optical network
logo
Carlo Gavazzi Holding A...
IBS04 CARLOGAVAZZI-IBS04 Datasheet
1Mb / 12P
IBS04, ICS05 IO-Link 3-wire DC
More results


Similar Description - IBS55

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
IH2424S-H XPPOWER-IH2424S-H Datasheet
95Kb / 1P
Optional 3000-6000 VDC isolation
logo
AIMTEC
AM2LS-NZ AIMTEC-AM2LS-NZ Datasheet
208Kb / 4P
Input / Output Isolation 1500 and 3000 VDC
AM3TI-RZ AIMTEC-AM3TI-RZ Datasheet
217Kb / 6P
Input / Output Isolation 1500 or 3000 VDC
AM3TIW-RZ AIMTEC-AM3TIW-RZ Datasheet
205Kb / 5P
Input / Output Isolation 1500 or 3000 VDC
AM3TW-NZ AIMTEC-AM3TW-NZ Datasheet
174Kb / 3P
Input / Output Isolation 1500VDC
AM6GH-Z AIMTEC-AM6GH-Z Datasheet
229Kb / 5P
Input / Output Isolation 1500 and 3000 VDC
AM8TW-I-Z AIMTEC-AM8TW-I-Z Datasheet
151Kb / 4P
Input/Output Isolation voltage 1500VDC
logo
Solid State Optronic
SM6004 SSOUSA-SM6004 Datasheet
223Kb / 7P
High Input-to-Output Isolation
SM6006 SSOUSA-SM6006 Datasheet
223Kb / 7P
High Input-to-Output Isolation
SMA4131 SSOUSA-SMA4131 Datasheet
192Kb / 6P
High Input-to-Output Isolation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com