Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NGFP15T65M3DFP Datasheet (PDF) - Nexperia B.V. All rights reserved

NGFP15T65M3DFP Datasheet PDF - Nexperia B.V. All rights reserved
Part # NGFP15T65M3DFP
Download  NGFP15T65M3DFP Download
File Size   286.21 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 650 V, 15 A trench field-stop IGBT with full rated silicon diode

NGFP15T65M3DFP Datasheet (PDF)

Go To PDF Page Download Datasheet
NGFP15T65M3DFP Datasheet PDF - Nexperia B.V. All rights reserved

Part # NGFP15T65M3DFP
Download  NGFP15T65M3DFP Click to download

File Size   286.21 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 650 V, 15 A trench field-stop IGBT with full rated silicon diode

NGFP15T65M3DFP Datasheet (HTML) - Nexperia B.V. All rights reserved


NGFP15T65M3DFP Product details

General description
NGFP15T65M3DFP is a robust Insulated-Gate Bipolar Transistor (IGBT) featuring
third-generation technology. It combines carrier stored trench-gate and field-stop (FS) structures.
NGFP15T65M3DFP is rated to 175 °C with optimized IGBT turn-off losses, and has a short
circuit withstand time of 5 μs. This hard-switching 650 V, 15 A IGBT is optimized for high-voltage,
high-frequency industrial power inverter applications and servo motor drive applications.
Features
• Device current is rated at 15 A
• Low conduction and switching losses
• Stable and tight parameters for easy parallel operation
• Maximum junction temperature 175 °C
• Fully rated and fast reverse recovery diode
• 5 μs short circuit withstand time
Applications
• Motor drives for industrial and consumer appliances
• Servo motors operating between 5-20 kW (up to 20 kHz) for robotics, elevators, operating
grippers, in-line manufacturing, etc.
• Power converter applications, such as uninterruptible power supply (UPS)
• Induction heating
• Welding




Similar Part No. - NGFP15T65M3DFP

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NGFP1008AG1R917G005TRF NIC-NGFP1008AG1R917G005TRF Datasheet
412Kb / 7P
Multilayer Chip Band Pass Filters
NGFP1008AG3R275G225TRF NIC-NGFP1008AG3R275G225TRF Datasheet
412Kb / 7P
Multilayer Chip Band Pass Filters
NGFP1008AH2R450G050TRF NIC-NGFP1008AH2R450G050TRF Datasheet
412Kb / 7P
Multilayer Chip Band Pass Filters
NGFP1206AG2R450G050TRF NIC-NGFP1206AG2R450G050TRF Datasheet
412Kb / 7P
Multilayer Chip Band Pass Filters
NGFP1210AG2R450G050TRF NIC-NGFP1210AG2R450G050TRF Datasheet
412Kb / 7P
Multilayer Chip Band Pass Filters
More results


Similar Description - NGFP15T65M3DFP

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FGA65A3H SANKEN-FGA65A3H Datasheet
394Kb / 12P
VCE = 650 V, IC = 15 A Trench Field Stop IGBT
logo
ON Semiconductor
AFGHL50T65SQD ONSEMI-AFGHL50T65SQD Datasheet
257Kb / 9P
Field Stop Trench IGBT 50A, 650V
January, 2020 ??Rev. 1
AFGHL75T65SQDT ONSEMI-AFGHL75T65SQDT Datasheet
260Kb / 9P
Field Stop Trench IGBT 650 V, 75 A
November, 2019 ??Rev. 0
FGAF40S65AQ ONSEMI-FGAF40S65AQ Datasheet
491Kb / 10P
Field Stop Trench IGBT 650 V, 40 A
May, 2021 ??Rev. 3
FGH40T65SPD ONSEMI-FGH40T65SPD Datasheet
585Kb / 9P
IGBT - Field Stop, Trench 650 V, 40 A
November, 2020 ??Rev. 4
FGH75T65SQD ONSEMI-FGH75T65SQD Datasheet
532Kb / 10P
IGBT - Field Stop, Trench 650 V, 75 A
April, 2020 ??Rev. 5
FGHL40S65UQ ONSEMI-FGHL40S65UQ Datasheet
311Kb / 10P
Field Stop Trench IGBT 40 A, 650 V
May, 2019 ??Rev. P0
FGH40T65SHDF ONSEMI-FGH40T65SHDF Datasheet
503Kb / 9P
IGBT - Field Stop, Trench 650 V, 40 A
November, 2020 ??Rev. 4
FGAF30S65AQ ONSEMI-FGAF30S65AQ Datasheet
302Kb / 9P
Field Stop Trench IGBT, 30 A, 650 V
June, 2020 - Rev. 2
logo
Fairchild Semiconductor
FGA6560WDF FAIRCHILD-FGA6560WDF Datasheet
2Mb / 9P
650 V, 60 A Field Stop Trench IGBT
Rev. 1.1 April 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com