Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS5330PAS-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

PBSS5330PAS-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # PBSS5330PAS-Q
Download  PBSS5330PAS-Q Download
File Size   292.25 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 30 V, 3 A PNP low VCEsat transistor

PBSS5330PAS-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PBSS5330PAS-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # PBSS5330PAS-Q
Download  PBSS5330PAS-Q Click to download

File Size   292.25 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 30 V, 3 A PNP low VCEsat transistor

PBSS5330PAS-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


PBSS5330PAS-Q Product details

General description
PNP low VCEsat transistor, encapsulated in an DFN2020D-3 (SOT1061D) ultra thin leadless small
Surface-Mounted Device (SMD) plastic package with medium power capability and visible and
solderable side pads.
NPN complement: PBSS4330PAS-Q
Features and benefits
• Low collector-emitter saturation voltage VCEsat
• High collector current capability IC and ICM
• High collector current gain (hFE) at high IC
• High efficiency due to less heat generation
• High temperature applications up to 175 °C
• Reduced Printed-Circuit Board (PCB) area requirements
• Leadless small SMD plastic package with soldarable side pads
• Exposed heat sink for excellent thermal and electrical conductivity
• Suitable for Automatic Optical Inspection (AOI) of solder joint
• Qualified according to AEC-Q101 and recommended for use in automotive applications
Applications
• Loadswitch
• Battery-driven devices
• Power management
• Charging circuits
• Power switches (e.g. motors, fans)




Similar Part No. - PBSS5330PAS-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS5330PAS NEXPERIA-PBSS5330PAS Datasheet
735Kb / 18P
30 V, 3 A PNP low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS5330PAS PHILIPS-PBSS5330PAS_15 Datasheet
255Kb / 18P
30 V, 3 A PNP low VCEsat (BISS) transistor
11 September 2014
More results


Similar Description - PBSS5330PAS-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5330X PHILIPS-PBSS5330X Datasheet
104Kb / 12P
30 V, 3 A PNP low VCEsat (BISS) transistor
2004 Nov 03
PBSS5330PA NXP-PBSS5330PA Datasheet
166Kb / 15P
30 V, 3 A PNP low VCEsat transistor
Rev. 01-19 April 2010
PBSS5330PA PHILIPS-PBSS5330PA_15 Datasheet
223Kb / 16P
30 V, 3 A PNP low VCEsat (BISS) transistor
7 April 2015
PBSS5330X PHILIPS-PBSS5330X_15 Datasheet
195Kb / 12P
30 V, 3 A PNP low VCEsat (BISS) transistor
2004 Nov 03
PBSS5330PAS PHILIPS-PBSS5330PAS_15 Datasheet
255Kb / 18P
30 V, 3 A PNP low VCEsat (BISS) transistor
11 September 2014
logo
Nexperia B.V. All right...
PBSS5330PAS NEXPERIA-PBSS5330PAS Datasheet
735Kb / 18P
30 V, 3 A PNP low VCEsat (BISS) transistor
PBSS4330PAS-Q NEXPERIA-PBSS4330PAS-Q Datasheet
294Kb / 15P
30 V, 3 A NPN low VCEsat transistor
29 July 2022
PBSS5350X NEXPERIA-PBSS5350X Datasheet
277Kb / 12P
50 V, 3 A PNP low VCEsat transistor
16 May 2022
PBSS5330PA NEXPERIA-PBSS5330PA Datasheet
709Kb / 16P
30 V, 3 A PNP low VCEsat (BISS) transistor
7 April 2015
PBSS5330X NEXPERIA-PBSS5330X Datasheet
422Kb / 13P
30 V, 3 A PNP low VCEsat (BISS) transistor
2004 Nov 03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com