Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1073 Datasheet (PDF) - Analog Devices

LT1073 Datasheet PDF - Analog Devices
Part # LT1073
Download  LT1073 Download
File Size   1334.46 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower DC/DC Converter Adjustable and Fixed 5V, 12V

LT1073 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1073 Datasheet PDF - Analog Devices

Part # LT1073
Download  LT1073 Click to download

File Size   1334.46 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower DC/DC Converter Adjustable and Fixed 5V, 12V

LT1073 Datasheet (HTML) - Analog Devices


LT1073 Product details

FEATURES
No Design Required
Operates at Supply Voltages from 1V to 30V
Consumes Only 95μA Supply Current
Works in Step-Up or Step-Down Mode
Only Three External Off-the-Shelf Components
Required
Low-Battery Detector Comparator On-Chip
User-Adjustable Current Limit
Internal 1A Power Switch
Fixed or Adjustable Output Voltage Versions
Space-Saving 8-Pin PDIP or SO-8 Package




Similar Part No. - LT1073

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1073 LINER-LT1073 Datasheet
1Mb / 19P
Micropower DC-DC Converter Ajustable and Fixed 5V, 12V
LT1073 LINER-LT1073 Datasheet
258Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073 LINER-LT1073 Datasheet
264Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073-12 LINER-LT1073-12 Datasheet
1Mb / 19P
Micropower DC-DC Converter Ajustable and Fixed 5V, 12V
LT1073-5 LINER-LT1073-5 Datasheet
1Mb / 19P
Micropower DC-DC Converter Ajustable and Fixed 5V, 12V
More results


Similar Description - LT1073

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1107 LINER-LT1107 Datasheet
254Kb / 12P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108 Datasheet
266Kb / 12P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111 Datasheet
337Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_03 Datasheet
237Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073 LINER-LT1073_1 Datasheet
258Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073 LINER-LT1073_15 Datasheet
264Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107_15 Datasheet
217Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1173 LINER-LT1173_15 Datasheet
267Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108_15 Datasheet
241Kb / 12P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_15 Datasheet
247Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com