Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1170 Datasheet (PDF) - Analog Devices

LT1170 Datasheet PDF - Analog Devices
Part # LT1170
Download  LT1170 Download
File Size   335.98 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators

LT1170 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1170 Datasheet PDF - Analog Devices

Part # LT1170
Download  LT1170 Click to download

File Size   335.98 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators

LT1170 Datasheet (HTML) - Analog Devices


LT1170 Product details

Features
Wide Input Voltage Range: 3V to 60V
Low Quiescent Current: 6mA
Internal 5A Switch
(2.5A for LT1171, 1.25A for LT1172)
Shutdown Mode Draws Only 50μA Supply Current
Very Few External Parts Required
Self-Protected Against Overloads
Operates in Nearly All Switching Topologies
Flyback-Regulated Mode Has Fully Floating Outputs
Comes in Standard 5-Pin Packages
LT1172 Available in 8-Pin MiniDIP and
Surface Mount Packages
n Can Be Externally Synchronized




Similar Part No. - LT1170

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1170 LINER-LT1170 Datasheet
266Kb / 20P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1170C LINER-LT1170C Datasheet
266Kb / 20P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1170CK LINER-LT1170CK Datasheet
266Kb / 20P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1170CQ LINER-LT1170CQ Datasheet
266Kb / 20P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1170CT LINER-LT1170CT Datasheet
266Kb / 20P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
More results


Similar Description - LT1170

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1070 LINER-LT1070 Datasheet
314Kb / 12P
5A and 2.5A High Efficiency Switching Regulators
LT1170 LINER-LT1170 Datasheet
266Kb / 20P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1070 LINER-LT1070_1 Datasheet
212Kb / 12P
5A and 2.5A High Efficiency Switching Regulators
logo
Unisonic Technologies
P2172 UTC-P2172 Datasheet
180Kb / 7P
100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
logo
Linear Technology
LT1070 LINER-LT1070_15 Datasheet
218Kb / 12P
5A and 2.5A High Efficiency Switching Regulators
LT1071 LINER-LT1071_15 Datasheet
218Kb / 12P
5A and 2.5A High Efficiency Switching Regulators
LT1170 LINER-LT1170_15 Datasheet
236Kb / 24P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1171 LINER-LT1171_15 Datasheet
236Kb / 24P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1172 LINER-LT1172_15 Datasheet
236Kb / 24P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
logo
Unisonic Technologies
P2172 UTC-P2172_15 Datasheet
180Kb / 7P
100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com