Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3040 Datasheet (PDF) - Analog Devices

LT3040 Datasheet PDF - Analog Devices
Part # LT3040
Download  LT3040 Download
File Size   3934.96 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20V, 200mA, Ultralow Noise, Ultrahigh PSRR Precision DAC/Reference Buffer

LT3040 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3040 Datasheet PDF - Analog Devices

Part # LT3040
Download  LT3040 Click to download

File Size   3934.96 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20V, 200mA, Ultralow Noise, Ultrahigh PSRR Precision DAC/Reference Buffer

LT3040 Datasheet (HTML) - Analog Devices


LT3040 Product details

FEATURES
Ultralow Wideband Noise: 1.2μVRMS (10Hz to
100kHz)
Ultralow 1/f Noise: 0.6μVP-P (0.1Hz to 10Hz)
Ultralow Spot Noise: 4nV/√Hz at 1kHz and Above
Ultrahigh PSRR: 73dB at 1MHz
Ultralow Input Offset: 125μV
Output Source Current: 200mA
Wide Input Voltage Range: 1.8V to 20V
Rail to Rail Output Voltage Range: 0V to 15V
Single Capacitor Improves Noise and PSRR
Fast Start-Up for VIN Pin
FAULT Flag
High Bandwidth: 1MHz
Low Dropout Voltage: 350mV
Programmable Current Limit
Precision Enable/UVLO
Parallelable for Lower Noise and Higher Current
Internal Current Limit with Foldback
Minimum Output Capacitor: 4.7μF Ceramic
Reverse Supply and Reverse Current Protection
Thermal Limit with Hysteresis
10-Lead 3mm × 3mm DFN and 12-Lead MSOP




Similar Part No. - LT3040

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT3040 AD-LT3040 Datasheet
3Mb / 45P
Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
Rev. 0
LT3040 AD-LT3040 Datasheet
1Mb / 47P
20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
logo
Littelfuse
LT30400-1 LITTELFUSE-LT30400-1 Datasheet
526Kb / 4P
Class T Fuse Blocks - 300 and 600 Volt
More results


Similar Description - LT3040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79328YZQR TI1-TPS79328YZQR Datasheet
934Kb / 20P
ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR
logo
Linear Technology
LT3042 LINER-LT3042_15 Datasheet
900Kb / 30P
20V, 200mA, Ultralow Noise, Ultrahigh PSRR RF Linear Regulator
LT3042EDD LINER-LT3042EDD Datasheet
577Kb / 8P
20V, 200mA, Ultralow Noise Ultrahigh PSRR RF LDO Regulator
LT3045EDD LINER-LT3045EDD Datasheet
1Mb / 8P
20V, 500mA, Ultralow Noise Ultrahigh PSRR RF LDO Regulator
LT3045EDD-1 LINER-LT3045EDD-1 Datasheet
273Kb / 8P
20V, 500mA, Ultralow Noise Ultrahigh PSRR RF LDO Regulator with VIOC
LT3045 LINER-LT3045 Datasheet
2Mb / 32P
20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator
LT3045-1 LINER-LT3045-1 Datasheet
3Mb / 36P
20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
logo
Analog Devices
LT3093 AD-LT3093 Datasheet
4Mb / 32P
Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
LT3094 AD-LT3094 Datasheet
2Mb / 34P
Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
01/19-REV.A
LT3046 AD-LT3046 Datasheet
1Mb / 47P
20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com